PART |
Description |
Maker |
170M4011 170M4008 170M4009 170M4010 170M4012 170M4 |
Square Body ?DIN 43 653 690V/700V IEC/UL40-2000A Electrical Characteristics Square Body-DIN 43 653 Square Body- DIN 43 653 Square Body- DIN 43 653
|
Cooper Bussmann, Inc.
|
10-315A 170M1560 170M1561 170M1562 170M1564 170M15 |
Square Body ?DIN 43 620
|
Cooper Bussmann, Inc.
|
PE7042-30 |
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
PE7417-10 |
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-3 |
3 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-10 |
10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7420-30 |
30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
170M3459 170M3458 170M6458 170M6459 170M6408 170M6 |
Square Body Flush End Contact 690V/700V IEC/UL 40-2000A Square Body ?Flush End Contact Square Body Flush End Contact 690V/700V IEC/UL 40-2000A Square Body ?Flush End Contact
|
Cooper Bussmann, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
170M6663 170M6611 170M6610 170M6609 170M6612 170M6 |
Square Body US Style ?690V/700V (IEC): 40-2000A Square Body US Style ?690V/700V (IEC): 40-2000A
|
Cooper Bussmann, Inc.
|
ATTL7583AAJ-DT ATTL7583DAJ-D ATTL7583DF |
Line Card Access Switch Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:16; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 19C 19#16 SKT RECP WALL RM
|
http:// Agere Systems
|
SFH618A-3X006 SFH618A-4X006 SFH618A-5X006 SFH618A- |
Optocoupler, Phototransistor Output, Low Input Current 光耦,光电晶体管输出,低输入电 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:38; Connector Shell Size:40; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
AAT1143IJS-1.2-T1 AAT1143IJS-1.8-T1 AAT1143IJS-1.6 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 24C 24#16 SKT RECP 1MHz00mA的降压转换器 GT 22C 18#16 4#12 SKT RECP 1MHz00mA的降压转换器
|
Advanced Analogic Technologies, Inc.
|