PART |
Description |
Maker |
09150006106 09150006121 09150006123 09150006126 09 |
Han D/R15 Stiftkontakt
|
List of Unclassifed Manufacturers
|
SG2526 SG2526DW SG2526J SG2526N SG1526 SG1526J SG1 |
Voltage Mode PWMs REGULATING PULSE WIDTH MODULATOR From old datasheet system Female insert; Series:Han K; Number of Contacts:4; Gender:Female; Body Material:Polycarbonate; Connecting Termination:Screw; For Use With:Han 4/0K 0.2 A SWITCHING CONTROLLER, 350 kHz SWITCHING FREQ-MAX, CDIP18
|
MICROSEMI[Microsemi Corporation]
|
11000009501 |
Han-Yellock Coding pin
|
List of Unclassifed Man...
|
1703013 |
DIA. 1.5MM PIN CONTACT, SINGLE WIRE SEALING DIA 1.5MM STIFTKONTAKT, EINZELDICHTUNSSYSTEM
|
Tyco Electronics
|
10410000001 |
Han-Eco 10E GND male Screw Terminal module
|
List of Unclassifed Man...
|
10410000008 |
Han-Eco 24B Panel Mt Housing
|
List of Unclassifed Man...
|
CY62256L CY62256LL CY62256 CY62256LL-55SNE CY62256 |
256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 Male insert; Series:Han D; No. of Contacts:64; Gender:Male; Body Material:Polycarbonate; Connecting Termination:Crimp; For Use With:Han 64D; Connector Type:Panel Mount Housing RoHS Compliant: Yes 32K X 8 STANDARD SRAM, 55 ns, PDSO28 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 32K X 8 STANDARD SRAM, 70 ns, PDSO28 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 32K X 8 STANDARD SRAM, 55 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 55 ns, PDSO28 POT 5K OHM 9MM VERT NO BUSHING Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Dual EIA-232 Driver/Receiver 16-PDIP 0 to 70
|
Cypress Semiconductor, Corp. SRAM Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
M24C16-BN6TP M24C16-BN6TG M24C16-BN6TG_W M24C16-BN |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM 45 V, 100 mA NPN general-purpose transistors General purpose PIN diode 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-CDIP -55 to 125 8-Bit Constant-Current LED Sink Driver 16-TSSOP -40 to 125 Removal Tool, Han D; RoHS Compliant:N/A RoHS Compliant: Yes CRIMP SET 0.14 - 0.50MM ; NPN 1 GHz wideband transistor - @ f: 500 MHz; @ f1: 500 ; fT: 1 GHz; Frequency: 4.5 MHz; IC: 25 mA; Noise figure: 4.5@f1 dB; Ptot: 300 mW; Polarity: NPN ; VCEO max: 15 V 16-Channel LED Driver 100-HTQFP -20 to 85 8-Bit Constant-Current LED Sink Driver 16-SOIC -40 to 125 8-Bit, 10 us Quad DAC, Serial Input, Pgrmable for 1x or 2x Output, Simultaneous Update, Low Power 14-SOIC -40 to 85 Microprocessor Crystal; Frequency:20MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:40ohm; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Oscillator Type:TCXO RoHS Compliant: Yes 8-Bit, 10 us Quad DAC, Serial Input, Pgrmable for 1x or 2x Output, Simultaneous Update, Low Power 14-PDIP -40 to 85 ER 4C 4#4 PIN RECP WALL 8-Bit, 10 us Octal DAC, Serial Input, Pgrmable for 1x or 2x Output, Simultaneous Update, Low Power 16-SOIC 0 to 70 Power LDMOS transistor Three quadrant triacs guaranteed commutation - IGT: 25 mA; IT (RMS): 16 A; VDRM: 600 V 18-Bit Registered Transceiver With 3-State Outputs 56-SSOP -40 to 85 45 V, 500 mA PNP general purpose transistors - fT min: 80 MHz; hFE max: 250 ; hFE min: 100 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 625 mW; VCEO max: 45 V ER 4C 4#4 SKT RECP WALL Replaced by TLV5734 : 8-Bit, 20 MSPS ADC Triple Ch., Digital Clamp for YUV/NTSC/PAL, Output Data Format Mux, Low Power 64-LQFP -20 to 75 8-Bit, 10 us Octal DAC, Serial Input, Pgrmable for 1x or 2x Output, Simultaneous Update, Low Power 16-SOIC -40 to 85 NPN 1 GHz wideband transistor - @ f: 500 MHz; @ f1: 500 ; fT: 1 GHz; Frequency: 4.5 MHz; IC: 25 mA; Noise figure: 4.5@f1 dB; Ptot: 300 mW; Polarity: NPN ; VCEO max: 15 V Dual N-channel dual gate MOSFET - ID: 30 mA; IDSS: 100 (max) mA; VDSmax: 6 V ER 23C 16 12 8 4 PIN RECP WALL D87 - CONNECTOR ACCESSORY ER 5C 3#12 2#0 SKT RECP WALL Silicon planar diode - Cd max.: 1.0@VR=20V pF; IF max: 100 mA; RD @ IF=5 mA AND F=200 MHz max: 0.7 Ohm; RS max: 0.7 ; VR max: 35 V Triple high-speed switching diodes - Cd max.: 1.5 pF; Configuration: triple isolated ; IF max: 200 mA; IFSM max: 4.5 A; IR max: 1000@VR=75V nA; IFRM: 450 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 100 V NPN 5 GHz wideband transistor - @ f: 1000 MHz; @ f1: 1000 ; @ f2: 2000 ; fT: 5 GHz; Frequency: 3 MHz; GUM @ f1: 14 dB; Gain @ 900 Mhz: 14 dB; IC: 25 mA; Noise figure: 3@f22@f1 dB; Ptot: 300 mW; Polarity: NPN ; Socket: IF ; System frequency: 9 P-channel enhancement mode vertical D-MOS transistor - Configuration: Single P-channel ; ID DC: 0.2 A; RDS(on): 12000@10V mOhm; VDSmax: 240 V Removal Tool Han E Crimpcontacts in E Mo; RoHS Compliant:N/A PNP 5 GHz wideband transistor - @ f: 500 MHz; @ f1: 500 ; @ f2: 800 ; @ IC: 70 mA; fT: 5 GHz; GUM: 16 dB; GUM @ f1: 16 dB; GUM @ f2: 12 dB; IC: 100 mA; Ptot: 1000 mW; Polarity: PNP ; VCE: 10 V; VThree quadrant triacs guaranteed commutation - IGT: 25 mA; IT (RMS): 16 A; VDRM: 600 V PowerMOS transistor Logic level TOPFET - @ VIS: 5 V; ID: 0.7 A; Number of pins: 3 ; RDS(on): 0.2 mOhm; VDSmax: 50 V Silicon RF switches - [S21(Off)]2 min: 30 ; [S21(On)]2 max: 3 ; ID: 10 mA; IGSS max: 100 nA; Mode: depl. ; RDS(on): 20 Ohm; S21(off): 30 dB; S21(on): 3 dB; VDSmax: 3 V; VSG max: 7 V Schottky barrier double diodes - Cd max.: 60@VR=4V pF; Configuration: dual series ; IF: 1 A; IFSM max: 10 A; IR max: 0.35@VR=60V mA; VFmax: 650@IF=1A mV; VR: 60 V High-speed double diode - Cd max.: 2.5 pF; Configuration: dual isolated ; IF max: 200 mA; IFSM max: 9 A; IR max: 100@VR=60V nA; IFRM: 600 mA; trr max: 6 ns; VFmax: 1@IF=200mA mV; VR max: 60 V Schottky barrier double diodes - Cd max.: 60@VR=4V pF; Configuration: dual c.a. ; IF: 1 A; IFSM max: 10 A; IR max: 0.35@VR=60V mA; VFmax: 650@IF=1A mV; VR: 60 V High-speed diode - Cd max.: 1 pF; Configuration: single ; IF max: 250 mA; IFSM max: 4 A; IR max: 1000@VR=75V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 75 V NPN general purpose double transistor - Description: Current Mirror ER 30C 24#16 6#12 SKT RECP WAL 45 V, 500 mA PNP general purpose transistors - fT min: 80 MHz; hFE max: 250 ; hFE min: 100 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 625 mW; VCEO max: 45 V ER 35C 28#16 7#12 SKT RECP WAL ER 35C 28#16 7#12 PIN RECP WAL Dual high-voltage switching diodes The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS PowerMOS transistor TOPFET high side switch 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS CONNECTOR ACCESSORY 连接器附 8-Bit, 10 us Quad DAC, Serial Input, Pgrmable for 1x or 2x Output, Simultaneous Update, Low Power 14-SOIC 0 to 70 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM Replaced by TLC5733A : 20 MSPS 3-Ch. ADC with Clamp 64-LQFP -20 to 75 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM TOPFET high side switch SMD version 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS Silicon Bi-directional Trigger Device 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS For Use With:Harting Han D Contacts; Crimp Tool:Service Crimping Tool with Locator; Wire Size (AWG):26-16; Leaded Process Compatible:Yes 16KbitKbitKbitKbitKbit串行I2C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
M38278E4MXXXFP M38274E5MXXXHP M38278M5MXXXHP M3827 |
SX Series Subminiature Basic Switch, Single Pole Double Throw Circuitry, 1 A at 125 Vac, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-6 LACING ANCHOR WIT 18,30 .031,1 Single Chip 8 Bits Microcomputer(8位单片机) Frame for modules; Series:Han 16B; Number of Contacts:4; Gender:Male; For Use With:Hinged frame Han Modular; Connector Type:Hinged frame for 4 modules, for housings (base) Enclosed Switches Series LS: Top Roller Plunger; 2NC 2NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-TSSOP 0 to 70 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 8-SOIC -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 16-SOIC Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-HTSSOP -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 5-SOT-23 -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-SOIC -40 to 125 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/8 Ch. 20-SOIC 0 to 70 CA-BAYONET Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC -40 to 85 SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-PDIP 0 to 70 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-TSSOP 0 to 70 DIN Audio Connector; No. of Contacts:6; Mounting Type:Cable; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 6-SOT-23 -40 to 125 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-PDIP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-MSOP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable Pwrdn, MSB/LSB First, Built-In Self-Test Mode, 11 Ch. 20-PDIP 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 14-SOIC -40 to 125 ADAPTER USB-SERIAL DB9/25 MALE RES-ARRAY 10-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-PDIP 0 to 70 Automotive Catalog Advanced LinCMOS Rail-to-Rail Output Wide-Input-Voltage Operational Amplifiers 14-TSSOP -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 10-MSOP 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 14-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 5-SOT-23 0 to 70 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP 0 to 70 POT 200K OHM 1/2 SQ CERM SL MT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-SOIC -40 to 85 单芯位CMOS微机 EATON 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 8-SOIC -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 6-SOT-23 -40 to 125 单芯位CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 单芯CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifiers 14-TSSOP -40 to 125 单芯CMOS微机 800 uA/ch, 11Mhz, RRO, Low Voltage, Quad Channel Op Amp with Shutdown 16-TSSOP -40 to 125 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier 14-TSSOP 0 to 70 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-PDIP 0 to 70 单芯位CMOS微机 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-TSSOP -40 to 125 单芯位CMOS微机 MICA RoHS Compliant: No 单芯位CMOS微机 Automotive Catalog Low-Power Rail-to-Rail Input/Output Operational Amplifier with Shutdown 8-TSSOP -40 to 125 单芯位CMOS微机 Silver Mica Capacitor; Capacitance:2000pF; Capacitance Tolerance: 2%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 16-TSSOP 0 to 70 单芯位CMOS微机 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 CONN HEADER 6POS SGL PCB 30GOLD 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 6-SOT-23 0 to 70 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-PDIP 0 to 70 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 Quad Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 16-HTSSOP -40 to 125 单芯位CMOS微机 1-mA/CH, 9-MHz, RRO Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Dual Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, flush mount with flange, 10 Vdc excitation 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier 8-CDIP -55 to 125 Single 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC 0 to 70 Single Low-Power Rail-to-Rail Input/Output Op Amp 5-SOT-23 -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 20-SOIC SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Semiconductor http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semicon... Mitsubishi Electric Sem...
|
|