PART |
Description |
Maker |
50ZL100MEFC8X11.5 16ZL470MEFC10X12.5 16ZL470MEFC8X |
105 High ripple current, Low impedance. MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS 105?High ripple current, Low impedance.
|
RUBYCON CORPORATION
|
UVR1H101MPD1TA UVR1J471MHD1TD |
ALUMINUM ELECTROLYTIC CAPACITORS Miniature Sized
|
Nichicon corporation
|
450C631M500AC8 450C921M450EB8 450C431M500AB8 450C2 |
Ultra-Ripple, Long-life, Inverter Grade, Radial Leaded The Ultimate in Ripple for Plug-in
|
Cornell Dubilier Electronics
|
L1138L-XX-AB5-R L1138L-XX-S08-R L1138G-XX-AB5-R L1 |
HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH HIGH RIPPLE-REJECTION
|
Unisonic Technologies
|
BH30NB1WHFV-TR BHXXNB1WHFV09 |
High-ripple rejection CMOS LDO Regulators for High-frequency Circuits
|
Rohm
|
222212045222 222212045332 222212015102 22221201515 |
Aluminum Capacitors Axial High Temperature, High Ripple Current
|
Vishay Siliconix
|
ST |
SuperTan? Wet Tantalum Capacitors with Hermetic Seal, FEATURES: Very High Capacitance, 10 to 1800μF, 25 to 125VDC, -55°C to 125°C, Very Low ESR and High Ripple Current
|
Vishay
|
381LQ103M0 381LQ103M063K452 |
105 C Compact, High-Ripple Snap-in
|
N.A.
|
BSS159 Q67050-T6 |
High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 SIPMOS小信号晶体管(N通道耗尽型高动态性) SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
102PHR-ST 101PHR-ST12 |
Aluminum Capacitors, Power High Ripple Current, Screw Terminals
|
Vishay Siliconix
|
VNA-23 |
.: -25C to 70C/40C to 70C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regulated, Switching High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
|
MINI[Mini-Circuits]
|
T495V227K006AS T495V227K006AT T495V227K035AS T495V |
Low ESR, High Ripple Current, Solid Tantalum Chip Capacitory5|} |
Cornell Dubilier Electr... Cornell Dubilier Electronics
|