PART |
Description |
Maker |
BY359X-1500 BY359X-1500S |
Damper diode fast/ high-voltage SCREWDRIVER, SENSO SLOT 3.0 X 75SCREWDRIVER, SENSO SLOT 3.0 X 75; Tip Size A x B:3 x 0.5mm; Tip size:3mm; Length, blade:75mm; Length, Inches:3"; Handle type:COLOUR CODED; Tip Size:3 mm; Tip type:Parallel Slot 1500 V, SILICON, RECTIFIER DIODE DAMPER DIODE FAST, HIGH-VOLTAGE
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
TSL253R |
LIGHT-TO-VOLTAGE OPTICAL SENSOR
|
austriamicrosystems AG
|
AP1115 AP1115A AP1115AV15 AP1115AV15A AP1115AV15L |
SCREWDRIVER, SENSO SLOT 4.0 X 125SCREWDRIVER, SENSO SLOT 4.0 X 125; Tip Size A x B:4 x 0.8mm; Tip size:4mm; Length, blade:125mm; Length, Inches:5"; Handle type:COLOUR CODED; Tip Size:4 mm; Tip type:Parallel Slot RES 2.43K 1% 1/16W 0603 0.6A的低压差正可调或固定模式稳压 0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator 0.6A的低压差正可调或固定模式稳压 Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No Circular Connector; No. of Contacts:9; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-20 RoHS Compliant: No SCREWDRIVER SET, SENSO SL/PH 5 PCSCREWDRIVER SET, SENSO SL/PH 5 PC; Handle type:COLOUR CODED; Kit contents:75 x 4, 100 x 5.5, 150 x 6.5mm Flared tip. 49012 PH 1 x 80, PH 2 x 100mm PH
|
Square D by Schneider Electric SIEMENS AG NEC, Corp. ETC[ETC] ANACHIP[Anachip Corp] http://
|
515-1094 |
Rectangular Optical Light Pipe
|
Dialight Corporation
|
515-1061 |
Rectangular Optical Light Pipe
|
Dialight Corporation
|
597-77X1-5XX 515-1054 597-3XX1-2XX 597-3XX1-5XX 59 |
2 x 5mm Rectangular Optopipe Optical Light Pipe, Single
|
DIALIGHT[Dialight Corporation]
|
PS7142-1C PS7142L-1C PS7142L-1C-E3 PS7142L-1C-E4 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET Optical Coupled MOS FET Photocoupler(MOS 场效应管输出光光隔离器) 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET 8引脚DIP00伏电压分解,转移2型通道光学耦合场效应晶体管
|
NEC[NEC] NEC Corp. NEC, Corp.
|
LZ0P3646 LZ0P3641 LZ0P3642 LZ0P3645 |
1/4-type Built-in Lens Color CCD Area Sensors with 350 k Pixels Safety Light Curtain; Light Curtain Type:Safety; Control Output Type:2PNP OSSD; Number of Beams:60; Protection Height:450mm; Sensing Range Max:6m; Supply Voltage Max:24VDC; Supply Voltage:24VDC RoHS Compliant: NA
|
SHARP[Sharp Electrionic Components] Sharp Corporation
|
PS7141L-2B PS7141L-1B-E3 PS7141L-1B-E4 PS7141L-1B |
6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET 6引脚DIP00击穿电压通常闭式1通道通道光学耦合MOSFET 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET 6引脚DIP00击穿电压通常闭式1通道2通道光学耦合MOSFET 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH 2-CH OPTICAL COUPLED MOSFET
|
California Eastern Laboratories, Inc. NEC Corp. NEC[NEC] California Eastern Labs
|