PART |
Description |
Maker |
TBM |
TBM Multianode Tantalum Ultra Low ESR & Space Level
|
AVX Corporation
|
597D687X96R3E2T 597D687X06R3E2W |
Solid Tantalum Chip Capacitors TANTAMOUNT?,Ultra-Low ESR, Conformal Coated, Maximum CV
|
Vishay Siliconix
|
593D107X0010A2TE3 593D107X0010A2WE3 593D107X0010A8 |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT? , Molded Case, Low ESR Solid Tantalum Surface Mount Capacitors TANTAMOUNT庐 , Molded Case, Low ESR Solid Tantalum Surface Mount Capacitors TANTAMOUNT垄莽 , Molded Case, Low ESR Solid Tantalum Surface Mount Capacitors TANTAMOUNT㈢ , Molded Case, Low ESR
|
Vishay Siliconix
|
594D477X0004B2T 594D477X0004B2W 594D477X0004B4T 59 |
Solid Tantalum Chip Capacitors TANTAMOUNT垄莽 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT庐 Conformal Coated, Maximum CV, Low ESR Solid Tantalum Chip Capacitors TANTAMOUNT? Conformal Coated, Maximum CV, Low ESR
|
Vishay Siliconix
|
T494B476K006AT |
Tantalum, MnO2 Tantalum, T494, 47 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Low ESR, 500 mOhms, 2.1mm
|
Kemet Corporation
|
T495B106K025ATE750 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Low ESR, 750 mOhms, 2.1mm
|
Kemet Corporation
|
T495B106K020ATE1K0 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K025ATE200 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226K035ATE260 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 260 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T520D227M010ANE025 |
Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|