PART |
Description |
Maker |
Q6004L4 LQ4004LYTP L4004D6 L4004D3 L4004L3 Q4004L4 |
4 Amp bi-directional solid state switch series is designed for AC switching Teccor? brand Thyristors 4 Amp Sensitive & Standard Triacs
|
Littelfuse
|
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
S4060 S4060M S4060D S4060U |
10A sensitive-gate silicon controlled rectifier. Vrrxm, 25V. 10A sensitive-gate silicon controlled rectifier. Vrrxm, 400V. 10A sensitive-gate silicon controlled rectifier. Vrrxm, 600V. 10 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
General Electric Solid State ETC[ETC]
|
MCR106-6G MCR106-8G MCR106-8 MCR106 MCR106-6 MCR10 |
Sensitive Gate Silicon Controlled Rectifier; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 4 A, 600 V, SCR, TO-225AA SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
C106 C106S C106A C106B C106C C106D C106E C106F C10 |
4A sensitive-gate silicon controlled rectifier. Vrrm 700V. 4-A Sensitive-Gate Silicon Controlled Rectifiers
|
General Electric Solid State GESS[GE Solid State] http://
|
PXV1220S PXV1220S-6DBN1-B PXV1220S-6DBN1-T PXV1220 |
0 MHz - 3000 MHz RF/MICROWAVE FIXED ATTENUATOR CHIP thermal sensitive chip attenuators. P-V SERIES, THERMAL SENSITIVE CHIP ATTENUATORS
|
SUSUMU Co., Ltd. ETC List of Unclassifed Manufacturers http://
|
MCR08BT1 MCR08B MCR08MT1 MCR08BT1-D |
Sensiteve Gate Silicon Controlled Rectifier Sensitive Gate Sillicon Controlled Rectifiers Reverse Blocking Thyristors SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
AH1803-SNG-7 AH1803-WG-7 AH1803 |
MICROPOWER ULTRA-SENSITIVE HALL-EFFECT SENSOR MAGNETIC FIELD SENSOR-HALL EFFECT, -4-4mT, 0.1-2.8V, RECTANGULAR, SURFACE MOUNT GREEN, SC-59, 3 PIN MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
|
Diodes, Inc. Diodes Inc. Diodes Incorporated
|
FS1209DH FS1209BH FS1209MH FS1210BH |
Standard Gate SCRs 600 V, standard SCR 200 V, standard SCR 400 V, standard SCR
|
Fagor
|
SM130G0 SM145G0 SM SM095G0 SM110G0 |
FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE/ 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES 250 Va.c. and 3 and 5 AMPERES 50 Vd.c. Rated Current 易熔合金热敏感型.5安培250 Va.c.日和5安培50 Vd.c.额定电流
|
NEC[NEC] NEC, Corp.
|
A3144EU A3143 A3143-LT A3143-U A3143-UA A3142ELTNB |
SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION Sensitive hall-effect switche for high-temperature operation
|
ALLEGRO[Allegro MicroSystems]
|