PART |
Description |
Maker |
PE700002-25 |
SC ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE700002-30 |
SC ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE700003-5 |
ST BULKHEAD ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises,...
|
PE700003-10 |
ST BULKHEAD ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
MPAT-584643-10151MS MPAT-584643-10153FS MPAT-58464 |
5845 MHz - 6430 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 950 MHz - 1450 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 14000 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 10.95 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 13750 MHz - 14500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 11700 MHz - 12200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 3800 MHz - 4100 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.3 dB INSERTION LOSS-MAX 17300 MHz - 17800 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.7 dB INSERTION LOSS-MAX 2000 MHz - 2200 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 4000 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2 dB INSERTION LOSS-MAX 3100 MHz - 3500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 8000 MHz - 12000 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 18800 MHz - 19600 MHz RF/MICROWAVE FIXED ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE FIXED ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 10700 MHz - 11700 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE FIXED ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc. MITEQ INC
|
AV109-73 |
AB 3C 3#16 SKT PLUG GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8-1.0 GHz GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8?.0 GHz GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.8.0 GHz
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
PE43704MLCA-Z |
UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
|
Peregrine Semiconductor
|
AT-226 |
Digital Attenuator/ 4 Bit/ Single Control/ 15 dB 0.5 - 2.0 GHz
|
Tyco Electronics
|
AT-226 |
DIGITAL ATTENUATOR, 4 BIT SINGLE CONTROL 15DB 0.5-
|
Tyco Electronics
|
MAADSS0012 MAADSS0012SMB MAADSS0012TR-3000 |
Digital Attenuator, 1-Bit, Single Control 21 dB, 0.8 - 8.0 GHz
|
M/A-COM Technology Solutions, Inc.
|