PART |
Description |
Maker |
PE700001-15 |
ST ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE700002-30 |
SC ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE700000-15 |
FC ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
PE700003-5 |
ST BULKHEAD ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises,...
|
PE700003-25 |
ST BULKHEAD ATTENUATOR, SINGLE MODE
|
Pasternack Enterprises, Inc.
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
AV107-59 |
GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5?.5 GHz GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz AB 3C 3#16 SKT PLUG
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
AV106-12 |
AB 3C 3#16 SKT PLUG GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5-2.5 GHz GaAs IC 35 dB Voltage Variable Attenuator Single Positive 3 V Control 0.5.5 GHz
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
PE43704DS |
UltraCMOS? RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional VssEXT Bypass Mode 9 kHz - 8 GHz
|
Peregrine Semiconductor
|
MAATSS0019TR MAATSS0019 |
Digital Attenuator, 4-Bit, Single Control, 15 dB 0.5 - 4.0 GHz
|
MACOM[Tyco Electronics]
|
AT-242 AT-242TR |
Digital Attenuator, 3 Bit, Single Control 28 dB, 0.5 - 2 GHz
|
MACOM[Tyco Electronics]
|
MAADSS0013TR-1000 MAADSS0013 MAADSS0013SMB MAADSS0 |
Digital Attenuator, 4-Bit, Single Control 15 dB, 0.05 - 4.0 GHz
|
M/A-COM Technology Solutions, Inc.
|