PART |
Description |
Maker |
P3500LB P4500LB P4000LB P5000LB |
Thyristor Surge Suppressors Thyristor Surge Suppressors (TSS)
|
UN Semiconducctor INC
|
KL3Z07 |
Surge Protectors / Thyristor Surge Suppressors (Surface Mount)
|
Shindengen
|
KP15L08 |
Surge Protectors / Thyristor Surge Suppressors (Surface Mount)
|
Shindengen
|
P0900EA P1500EA P2000EA P1300EA P2600EA P4500EA P3 |
Thyristor Surge Suppressors (TSS)
|
Socay Electornics Co., Ltd. Socay Electornics Co., ...
|
P4000TA |
Thyristor Surge Suppressors (TSS)
|
Socay Electornics Co., Ltd.
|
P4000SA P0640SA P2600SA |
THYRISTOR SURGE SUPPRESSORS TSS THYRISTOR SURGE SUPPRESSORS TSS
|
SUNMATE electronic Co.,...
|
3T064A 3T064B 3T072B 3T150A 3T310B 3T350A 3T310A 3 |
300V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 220V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 190V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 160V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 140V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 120V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 65V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 275V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 58V; 1A; surface mount and axial lead two terminal thyristor (3T) surge suppressor 75V 1A surface mount and axial lead two terminal thyristor (3T) surge suppressor
|
MDE Semiconductor, Inc.
|
TC0640H TC0900H TC0720H TC1300H TC3500H TC1100H TC |
220 V, 50 A, SILICON SURGE PROTECTOR SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
|
LITE-ON SEMICONDUCTOR CORP LITEON[Lite-On Technology Corporation]
|
TISP4095H3LM-S TISP4070H3LM-S TISP4115H3LM-S TISP4 |
TISP Thyristor Overvoltage Protectors 95 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 PROTECTOR - SINGLE BIDIRECTIONAL 70 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 TISP Thyristor Overvoltage Protectors 115 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92 TISP Thyristor Overvoltage Protectors 400 V, 2.3 A, SILICON SURGE PROTECTOR, DO-92
|
Bourns, Inc. BOURNS INC
|
PP0800SB-LF-T PP0800SC-LF-T PP0800SC-T PP0720SC-LF |
THYRISTOR SURGE SUPPRESSOR 20 A, SILICON SURGE PROTECTOR, DO-214AA THYRISTOR SURGE SUPPRESSOR 32 A, SILICON SURGE PROTECTOR, DO-214AA THYRISTOR SURGE SUPPRESSOR
|
http:// PROTEC[Protek Devices]
|
TSMBJ1006C TSMBJ1012C TSMBJ1022C TSMBJ1024C TSMBJ1 |
Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 110 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 210 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 250 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA
|
Littelfuse, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] Micro Commercial Components
|
TISP4260F3 TISP4290F3 TISP4240F3 TISP4380F3 TISP43 |
SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS TISP Thyristor Overvoltage Protectors 320 V, 4 A, SILICON SURGE PROTECTOR Single Symmetrical Overvoltage TISP for 2 Wire Systems
|
Power Innovations International, Inc. Bourns, Inc. Power Innovations Limited POINN[Power Innovations Ltd]
|