PART |
Description |
Maker |
EP3C120F484C7 EP3C5E144C6ES EP3C16E144C6ES EP3C25E |
Cyclone III Device Handbook This section provides a complete overview of all features relating to the Cyclone III device family Chapter Revision Dates Cyclone III Device Family Overview Cyclone III Device Family Overview
|
Altera Corporation
|
EPM7032AETC44-4 EPM7064AELC44-10 EPM7064AELI44-7N |
High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX Programmable Logic Device Family Programmable Logic Device
|
Altera Corporation
|
ENA0114A CPH3360-TL-H ENA0114 CPH3360-12 |
P-Channel Power MOSFET -30V, -1.6A, 303m Ohm Single CPH3 General-Purpose Switching Device Applications General-Purpose Switching Device Applications
|
ON Semiconductor Sanyo Semicon Device
|
B12V11414 B12V11435 B12V11400 B12V11402 B12V11492 |
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] BOPOLARICS
|
MAX2632EUK MAX2630EUS-T MAX2631EUK-T MAX2632EUK-T |
VHF-to-Microwave, 3V, General-Purpose Amplifiers
|
Maxim Integrated Produc...
|
ADRF5020BCCZN |
Microwave radios and very small aperture terminals
|
Analog Devices
|
TH513 |
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
|
STMicroelectronics
|
TMD7185-2 |
MICROWAVE POWER MMIC AMPLIFIER
|
Toshiba Semiconductor
|
WR3386H-14 |
Measuring equipment,communication device,industrial machines,high requirements for environmet.
|
Productwell Precision E...
|
2SJ635 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
Sanyo Semicon Device
|
SF2N4000 2N4000 |
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
RDS-3086G |
Industrial 8 secure serial ports to Ethernet device server
|
ORing Industrial Networ...
|