PART |
Description |
Maker |
HCMS-39X6 HCMS-3906 HCMS-3907 HCMS-3916 HCMS-3917 |
HCMS-3977 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3976 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3967 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3966 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3917 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3916 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3907 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays HCMS-3906 · 3.3V High Brightness and High Performance CMOS 5x7 AlphaNumeric Displays 3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
FAN5617MPX FAN5617 |
High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX16820 |
(MAX16819 / MAX16820) step-down constant-current high-brightness LED drivers
|
Maxim Integrated Products
|
74LVXC4245WMX 74LVXC4245 74LVXC4245MTC 74LVXC4245M |
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming LV/LV-A/LVX/H SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
A6261KLYTR-T A6261KLPTR-T A6261ELPTR-T |
The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs. The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
|
Allegro MicroSystems
|
MAX16814CAUP MAX16814CAUPT |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller
|
MAXIM - Dallas Semiconductor
|
SML-P12YTT86 |
Original device technology enables high brightness and high reliability
|
Rohm
|
VAC80C-980-01 VAC80C-980-02 VAC80C-940-01 VAC80C-9 |
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
|
Bookham, Inc.
|
BL-PPW-TSD-ADE-1 |
NovaLED 350 InGaN - High Lumens Super high brightness surface mount LED.
|
BRIGHT LED ELECTRONICS CORP
|
MAX1895 MAX1995ETI MAX1895EGI MAX1895ETI MAX1995 M |
High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers " High- Efficiency, Wide Brightness Range, CCFL Backlight Controllers" Fixed-Point Digital Signal Processor 288-FCBGA
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|