PART |
Description |
Maker |
IXYN82N120C3H1 |
High-Speed IGBT for 20-50 kHz Switching
|
IXYS Corporation
|
GA250TD120U |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a Dual INT-A-Pak package HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT HALF-BRIDGE IGBT DOUBLE INT-A-PAK
|
IRF[International Rectifier]
|
IXGH15N120BD1 IXGT15N120BD1 IXGH15N120CD1 IXGT15N1 |
Low VCE(sat) IGBT with Diode High Speed IGBT with Diode 30 A, 1200 V, N-CHANNEL IGBT, TO-247AD
|
IXYS, Corp. IXYS[IXYS Corporation]
|
MG100Q2YS65H |
IGBT Module Silicon N Channel IGBT High Power & High Speed Switching Applications TOSHIBA IGBT Module Silicon N Channel IGBT
|
Toshiba Semiconductor
|
Q67078-A4402-A2 BUP203 BUP203SMD |
IGBT Transistor From old datasheet system IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated) 21 A, 1000 V, N-CHANNEL IGBT, TO-220
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
IXGC16N60C2 IXGC16N60C2D1 |
HiPerFAST IGBT C2-Class High Speed IGBT in ISOPLUS220 Case
|
IXYS
|
IXGH60N60C2 |
HiPerFASTTM IGBT C2-Class High Speed IGBTs 75 A, 600 V, N-CHANNEL IGBT, TO-247AD
|
IXYS, Corp.
|
IXGM20N60A IXGM20N60 |
Low VCE(sat) IGBT, High speed IGBT
|
IXYS[IXYS Corporation]
|
IXSM40N60 IXSM40N60A IXSH40N60A IXSH40N60 |
Low VCE(sat) IGBT, High Speed IGBT
|
IXYS[IXYS Corporation]
|
IXSM30N60A IXSH30N60 IXSH30N60A IXSM30N60 |
Low VCE(sat) IGBT, High Speed IGBT
|
IXYS[IXYS Corporation]
|
IXGA16N60C2 IXGA16N60C2D1 |
(IXGx16N60C2xx) HiPerFASTTM IGBT C2-Class High Speed IGBT
|
IXYS Corporation
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|