PART |
Description |
Maker |
HTP4A60H HTP4A80H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
BTA41-400 BTA41-400B BTA41-700B BTA41A BTA41B BTB4 |
Standard triac, 40Ampere, 800V Standard triac, 40Ampere, 600V Standard triac, 40Ampere, 400V From old datasheet system STANDARD TRIACS POWERLINE: RP15-S_DEW - 4:1 Wide Input Voltage Range- 15 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- International Safety Standard Approvals- Standard 50.8 x40.6x10.2mm Package- Efficiency to 82% 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC Standard triac, 40Ampere, 700V
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
HTT1A80AS |
3 Quadrants 1A TRIAC
|
SemiHow Co.,Ltd.
|
BTA208S-600F |
3Q Hi-Com Triac Triggering in three quadrants only
|
NXP Semiconductors
|
HTC4A60S |
4 Quadrants Sensitive TRIAC
|
SemiHow Co.,Ltd.
|
HTD2A80AS |
3 Quadrants 2A TRIAC
|
SemiHow Co.,Ltd.
|
BTB12800CRG BTB12800CWRG BTA12 BTB12800BRG BTB1280 |
Medium current triac 600 V, 12 A, SNUBBERLESS TRIAC 12 A Snubberless, logic level and standard triacs 12 A Snubberless? logic level and standard triacs
|
STMicroelectronics
|
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
FT0813DH |
400 V, 50 mA standard TRIAC
|
Fagor
|
BTA24-800CWRG BTA26 BTB24 BTA24 BTA24-600BWRG BTA2 |
600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 600 V, 25 A, SNUBBERLESS TRIAC 25 A standard and Snubberless triacs
|
STMicroelectronics
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|
STK11C68-W30 STK11C68-W45 STK11C68-W45I STK11C68-C |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Current, It av:15A; Holding Current:70mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:30mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
|