PART |
Description |
Maker |
HTP6A80H HTP6A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
HTS16A80H HTS16A60H |
3 Quadrants Standard TRIAC
|
SemiHow Co.,Ltd.
|
BTA312-800ET BTA312-800ET10 |
3Q Hi-Com Triac Triggering in three quadrants only
|
NXP Semiconductors
|
BTB15B BTB15-200B |
V(drm): 200V; 15A; triac. For glass passivated chip, Igt specified in four quadrants TRIACS
|
SGS Thomson Microelectronics STMicroelectronics
|
HTD2A80AS |
3 Quadrants 2A TRIAC
|
SemiHow Co.,Ltd.
|
BTB12800CRG BTB12800CWRG BTA12 BTB12800BRG BTB1280 |
Medium current triac 600 V, 12 A, SNUBBERLESS TRIAC 12 A Snubberless, logic level and standard triacs 12 A Snubberless? logic level and standard triacs
|
STMicroelectronics
|
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
BTB16-600 TM1661S-L TM1661M-L BCR16PM-12 BTA16-600 |
Standard Triac
|
Apollo Electron Co., Ltd. Apollo Electron Co., Lt...
|
DF11-10DEP-2C DF11-8DS-2V DF11-10DEP-2A DF11-10DEP |
2mm Double-Row Connector (Product Compliant to UL/CSA Standard) INDUCTOR, 3.3UH 2.64A CAB 27C 27#12 PIN RECP OPTOISO 400VDRM TRIAC OUT SMD OPTOISO 400VDRM TRIAC OUT 6-DIP 2mm Double-Row Connector (Product Compliant to UL/CSA Standard) 2mm的双排连接器(产品符合UL / CSA标准
|
HIROSE[Hirose Electric] http:// Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
BTA40-400B BTA40-600A |
(BTA40-xxxx) Standard triac
|
ST Microelectronics
|
BTA41 BTA40 BTA40-600B BTA40-600BRG BTA40-800B BTA |
600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC 40 A standard TRIACs 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
STMicroelectronics
|