PART |
Description |
Maker |
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
FTP-628MCL701 |
BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
|
Fujitsu Limited
|
E2E2-X18MB1-M1 E2E2-X2B2-M1 E2E2-X5MC2-M1 E2E2-X5B |
A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC Cylindrical Proximity Sensor
|
Omron Electronics LLC
|
0154003.DR 0154.062DRL 0154.062DRTL 0154.080DRTL 0 |
NANO2? > 154 OMNI-BLOK? Fuse and Holder Combination 154/154T/154L/154TL Series OMNI-BLOK? Fuse and Holder Assembly Easy fuse replacement Miniature size Wide operating temperature range
|
Littelfuse
|
PIC12C509-04/P PIC12C509-04/SM PIC12C509-04E/P PIC |
A newer version of this device is available. Please consider PIC12C509A. This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ... 8-Pin, 8-Bit CMOS Microcontrollers A newer device is available. Please consider PIC12F629. This powerful (1µsecond instruction execution) yet easy-to-program ... This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto A newer version of this device is available. Please consider PIC12C508A. 8-bit CMOS microcontroller, 1024 x 12 ROM program, 41 RAM data, 4MHz
|
Microchip
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
TLM2ME2 TL-M2ME22M TL-M2MY12M TL-M2ME12M TL-M5MY12 |
As Easy To Install as a Microswitch
|
Omron Electronics LLC
|
10-F112R6A035SC-M439E08 10-F112R6A035SC01-M439E18 |
Very compact housing, easy to route
|
Vincotech
|
10-F112R6A015SC-M438E08 10-F112R6A015SC01-M438E18 |
Very compact housing, easy to route
|
Vincotech
|
R9-NBC-I300W-GP |
Slim and lightweight for easy carrying.
|
List of Unclassifed Man...
|