PART |
Description |
Maker |
DTS3165A230N3LG DTS3185A230N4SS DTS3185A115N4SS DT |
Climatiseur exterieur de 5000-12000 BTUH
|
Hammond Manufacturing Ltd. Hammond Manufacturing L...
|
SGA-3586 |
DC-5000 MHz Silicon Germanium Cascadeable Gain Block 的DC - 5000 MHz的硅锗连增益
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
5KP7.0A 5KP6.0A 5KP8.0A 5KP6.5CA 5KP9.0CA 5KP8.0CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 DIODE FAST REC 400V 20A DO-5 硅雪崩二极管- 5000瓦特轴向引线型瞬态电压抑制器 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Littelfuse, Inc. Surge Components, Inc.
|
4246 PE4246 PE4246-EK 4246-52 4246-00 4246-01 4246 |
Absorptive SPST UltraCMOS?/a> RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS RF Switch: DC - 5000 MHz Absorptive SPST UltraCMOSRF Switch: DC - 5000 MHz Absorptive SPST UltraCMOS⑩ RF Switch: DC - 5000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
NGA-386 |
DC-5000 MHz, cascadable 50 ohm (1.2:1 VSWR) GaAs HBT MMIC amplifier. High gain: 18.9 at 1950MHz. DC-5000 MHz, Cascadable GaAs HBT MMIC Amplifier
|
STANFORD[Stanford Microdevices]
|
MX5KP8.5ATRE3 MQ5KP8.5AE3TR MX5KP8.5CATRE3 MQ5KP8. |
5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR PLASTIC, 5A, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR ROHS COMPLIANT, PLASTIC, 5A, 2 PIN 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AR PLASTIC, 5A, 2 PIN
|
Microsemi, Corp.
|
5KP100 5KP100A 5KP100C 5KP110 5KP110A 5KP110C |
100 V, 5 mA, 5000 W unidirectional and bidirectional load dump glass passivated automotive T.V.S. 110 V, 5 mA, 5000 W unidirectional and bidirectional load dump glass passivated automotive T.V.S.
|
Fagor
|
K2960TT500 |
5825 A, 5000 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
B49410B2506Q000 |
Single cell 5000 F/ 2.5 V
|
EPCOS[EPCOS]
|
C5179G C5179K C5179V |
5000 WATTS (AC) DC/D CSINGLE OUTPUT
|
Powerbox
|
PBMPLS-48X-RM PBMPLS-120V-RM PBMPLS-120I-RM PBMPLS |
500-5000 WATTS DC/AC INVERTER
|
http:// Powerbox
|
5KP64AS |
5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|