PART |
Description |
Maker |
BLM21P221SGPT BLM21P221SGPB BLM41P600SPT BLM11P300 |
FERRITE, CHIP TYPE, 0.35 OHM RESISTANCE, 220 OHM IMPEDANCE @ 100MHZ, SMT 0805 1 FUNCTIONS, 2 A, FERRITE CHIP FLT, S/M, 0805, 2000MA, FERRITE BD 1 FUNCTIONS, 2 A, FERRITE CHIP COIL, BEAD FERRITE 060 OHMS @ 100MHZ SM, 1806 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 1 A, FERRITE CHIP 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
MLBA20-102T-RC MLBA20-121T-RC MLBA20-151T-RC MLBA2 |
4 FUNCTIONS, 0.15 A, FERRITE CHIP Multilayer Bead Arrays
|
Allied Components International
|
CB02YTYN121 CB05YTYN121 CB12YTYN121 CB04YTYN121 CB |
Multilayer Ferrite Chip Bead Inductor Multilayer Ferrite Chip Bead Inductor
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
ACML-0402HC-050 |
Multilayer Ferrite Chip Bead (High Current)
|
Abracon Corporation
|
FB43-226-RC FB43-110-RC FB43-422-RC FB73-422-RC FB |
Ferrite Bead Inductor; Ferrite Grade:43; Cable Diameter Max:0.06"; Features:Excellent EMI suppression capability at high frequency; Frequency Max:200MHz; Frequency Min:40MHz; Leaded Process Compatible:Yes; Series:FC FB 1 FUNCTIONS, FERRITE BEAD
|
Bourns Electronic Solutions Bourns, Inc.
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
SK58L SK56L SK52L SK510L SK53L |
5 Amp Schottky Rectifier 20 to 100 Volts FERRITE TUBULAR BEAD 19.05MM FERRITE TUBULAR BEAD 16.76MM
|
Micro Commercial Compon... Micro Commercial Components Corp.
|
MCB4532S700KBE MCB1005S300FBP MCB3216S201IB MCB322 |
Chip Ferrite Bead
|
INPAQ
|
BLM15AG700SH1D |
Chip Ferrite Bead
|
Murata Manufacturing Co...
|
Z3K170-RF-10 |
Ferrite Chip Bead ?Z3 Series
|
Superworld Electronics
|
SHU-1M2012-800 SHU-1M2012-600 SHU-1M2012-400 SHU-1 |
1 FUNCTIONS, 4.8 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
SHH-1M1608-600 SHH-1M1608-601 SHH-1M1608-300 SHH-1 |
1 FUNCTIONS, 1.6 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
|