PART |
Description |
Maker |
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
MAX6879 MAX6877 MAX6879ETE MAX6877ETG MAX6878ETG |
Dual J-K Flip-Flops With Preset And Clear 16-CDIP -55 to 125 Dual-/Triple-Voltage,电源追踪器/排序监控 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors Dual-/Triple-Voltage,电源追踪器/排序监控 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors 2-CHANNEL POWER SUPPLY SUPPORT CKT, QCC24 Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors 2-CHANNEL POWER SUPPLY SUPPORT CKT, QCC16
|
Maxim Integrated Products, Inc.
|
C4900-15 |
COMPACT HIGH VOLTAGE POWER SUPPLY
|
Hamamatsu Corporation
|
2SA1807 A5800342 2SA1807TLN 2SA1862TLP 2SA1807TLP |
High-Voltage Switching Transistor (Telephone, Power Supply) (-600V, -1A) High-Voltage Switching Transistor (Telephone power supply) (-600V, -1A) From old datasheet system 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-252VAR TRANSISTOR | BJT | PNP | 600V V(BR)CEO | 1A I(C) | TO-252VAR 晶体管|晶体管|进步党| 600V的五(巴西)总裁| 1A条一(c)|52VAR
|
ROHM[Rohm] Rohm Co., Ltd.
|
MAX5003 |
High-Voltage PWM Power-Supply Controller
|
MAXIM - Dallas Semiconductor
|
C4710-52 C4710 C4710-01 C4710-02 C4710-50 C4710-51 |
HIGH VOLTAGE POWER SUPPLY UNIT 高压电源装置
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
X20C16J-45 X20C16J-55 X20C16SI-45 X20C16SI-55 X20C |
High Speed AUTOSTORE?NOVRAM High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE??NOVRAM IC SYNC BUCK CONTROLLER 16-MLPQ 高速自动存储⑩NOVRAM Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:2.75V; Input Voltage Primary Max:5.5V; Duty Cycle Max:100% 高速自动存储⑩NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Supply Voltage Min:4.4V; Switching Frequency Max:600kHz; Package/Case:8-SOIC Power Supply IC; Power Supply Type:PWM Controller; Supply Voltage Max:5.5V; Package/Case:32-MLP; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-40 C; Output Voltage Max:1.5V; Output Voltage Min:0.3V RoHS Compliant: Yes ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
|
http:// ITT, Corp. Semtech, Corp. Stanford Microdevices Electronic Theatre Controls, Inc. Xicor Inc.
|
C9028-01 |
HIGH VOLTAGE POWER SUPPLY SOCKET ASSEMBLY (DP-TYPE)
|
Hamamatsu Corporation
|
MIC258905 MIC2595R-2BM MIC2595R-1BM MIC2589-2BM MI |
Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Micrel Semiconductor, Inc.
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|