PART |
Description |
Maker |
MZS1220-33 MZS1206 MZS1206-33 MZS1210-33 MZS1215-3 |
Equipment Designed to Conform EMI Regulations Such As VCCI /CISPR /FCC /VDE /etc Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc 设备设计符合EMI规范,如VCCI,CISPR,催化裂化,德国VDE
|
M.G. Chemicals LAMBDA[DENSEI-LAMBDA] http://
|
BA782 BA783 |
Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting Bandswitching Diodes
|
GE Security, Inc. GE[General Semiconductor]
|
BC394 3311 |
Recognised Certification- 5W DIP Package- 4kVDC & 6kVDC Isolation- Regulated Output- Continuous Short Circiut Protection Auto-Restarting From old datasheet system HIGH VOLTAGE AMPLIFIER
|
意法半导 STMicroelectronics
|
D4B-361RN D4B-5A11N D4B-1117N D4B-111RN D4B-2615N |
Snap-action contact with certified direct opening operation certification SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 10A, 14VDC, PANEL MOUNT
|
Omron Electronics LLC
|
GSP1.4313.1 GSP1.2211.2 GSP1.3204.2 GSP1.1224.1 GS |
10A(VDE)/15A(UL,CSA), 250V, MALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER INC
|
CUTFOX-SP-BOLT-VDE |
Power diagonal cutter, 200 mm, induction-hardened cutting, VDE 1000 V AC/ 1500 V DC tested
|
PHOENIX CONTACT
|
0681 |
The 0681 Series Filters are designed to be used with switching power supplies, required to meet the emission specifications of VDE level B
|
JMK Inc.
|
UNIFOX-C-VDE |
Combination pliers, cross-notched grip area, integrated M8 - M10 ring wrench, VDE 1000 V AC/1500 V DC tested
|
PHOENIX CONTACT
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
1SV216 |
VARIABLE CAPACITANCE DIODE (TV VHF UHF TUNER AFC) INLET, IEC, SWITCHED, RED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug; Series:POLYSNAP; Mounting type:Panel; Approval Bodies:UL, CSA, VDE, SEMKO, RoHS Compliant: Yes
|
http:// Toshiba Semiconductor Toshiba Corporation
|