PART |
Description |
Maker |
ALD2321SC ALD2321 ALD2321A ALD2321ADC ALD2321APC A |
ULTRA LOW VOS EPAD DUAL CMOS ANALOG VOLTAGE COMPARATOR 超低VOS的EPAD双通道CMOS模拟电压比较 Ultra Low Vos EPAD® Dual CMOS Analog Voltage Comparator
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
LM393AFE LM393FE LM393N LM193FE LM193A LM293AN LM2 |
Low power dual voltage comparator DUAL COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, CDIP8 LM193/293/393/A/2903 Dual Voltage Comparator
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
AD8468WBKSZ-RL AD8468WBKSZ-R7 |
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator COMPARATOR, 10000 uV OFFSET-MAX, 50 ns RESPONSE TIME, PDSO6
|
Analog Devices ANALOG DEVICES INC
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
LT6700IS6-3 LT6700CS6-1 LT6700CS6-2 LT6700CS6-3 LT |
Micropower, low voltage, dual comparator with 400mV reference. MICROPOWER, LOW VOLTAGE, SOT-23, DUAL COMPARATOR WITH 400MV REFERENCE LCD 4.5 DIGIT .4 TRANSFL
|
LINER[Linear Technology] Linear Technology Corporation
|
MC14578 |
CMOS Mlcro-Power Comparator plus Voltage Follower
|
Motorola
|
ALD2302A07 ALD2302PAL ALD2302SAL ALD2302APAL ALD23 |
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
Advanced Linear Devices
|
ALD2301CSAL ALD2301BSAL ALD2301ASAL ALD2301CPAL AL |
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
|
Advanced Linear Devices
|