PART |
Description |
Maker |
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX8510 MAX8510EXKXY-T MAX8511EXKXY-T MAX8512EXK-T |
Voltage Regulator - Datasheet Reference " Ultra-Low- Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70" Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70 Ultra-Low-Noise / High PSRR / Low-Dropout /120mA Linear Regulators in SC70
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
AAT3200IGY-2.3-T1 AAT3200IGY-2.0-T1 AAT3200IGY-1.8 |
1.5A Fast Ultra Low Dropout Linear Regulators OmniPower LDO Linear Regulator
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MAX8841ELT31T MAX8840ELT30 MAX8840ELT33 MAX8841ELT |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in ??FN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN
|
MAXIM INTEGRATED PRODUCTS INC
|
TJ4220 TJ4220GD-ADJ TJ4220GD-X.X TJ4220GDP-ADJ TJ4 |
2A Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Techno...
|
APE8957 |
7A ULTRA LOW DROPOUT LINEAR REGULATOR
|
Advanced Power Electronics Corp.
|
UP7706 |
3A Ultra Low Dropout Linear Regulator
|
uPI Semiconductor
|
AX6614 |
2A Ultra Low Dropout Linear Regulator
|
AXElite
|
AZ39150S-3.3 AZ39150S-3.3TRE1 AZ39150S-5.0 AZ39150 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|