PART |
Description |
Maker |
561-0500A |
Female Nylon Circuit Board Posts
|
List of Unclassifed Manufacturers
|
ALD20K48N-6 ALD20M48N-S ALD20M48-S ALD20Y48N-6S AL |
Single Output 16th Brick: 60Watts CONN,HOUSING,9 POS,9254-09E-2, .100",RED,NYLON,22AWG,CLOSED OUSING,4 POS,9254-04E-6, .100",BLU,NYLON,26AWG,CLD,(10) CONN,HOUSING,4 POS,9254-04T-2, .100",RED,NYLON,22AWG,F/T CONN,HOUSING,3 POS,9254-03T-9, .100",WHITE,NYLON,24AWG,F/T SOCKET,IC,32PIN,MACHINED, LOW PROFILE,SOLDERTAIL,0.6"W MODULAR JACK,6P6C,SIDE ENTRY RJ11,6"LEADS,PANEL MOUNT STOPS 单输6日砖60Watts CONN,HOUSING,3POS,9255-03T-3A, .156",ORANGE,18AWG,F/T 单输6日砖0Watts CONN,HOUSING,3 POS,9254-03T-2, .100",RED,NYLON,22AWG,F/T 单输6日砖0Watts SOCKET,IC,32PIN,MACHINED, LOW PROFILE,SOLDERTAIL,0.6"W
|
Jameco Electronics Microchip Technology, Inc. STMicroelectronics N.V.
|
LPS-75-15 LPS-75-24 LPS-75-5 LPS-75-3.3 LPS-75-12 |
OUSING,4 POS,640622-4-VP, .100",BLU,NYLON,26AWG,F/T,(10) HOUSING,7 POS,640442-7-VP, .100",BLUE,NYLON,26AWG,CLOSED OUSING,4 POS,644564-4-VP, .100",BLU,NYLON,26AWG,F/T,(10) 75W的单输出开关电 CHOKE,AXIAL,MOLDED RF,47uH, 10% INDUCTIVE TOL,195 IDC 75W的单输出开关电 OUSING,6 POS,640442-6-VP, .100",BLU,NYLON,26AWG,CLD,(10) 75W的单输出开关电 CHOKE,AXIAL,MOLDED RF,470uH, 10% INDUCTIVE TOL,92 IDC 75W的单输出开关电 HOUSING,7 POS,640442-7-VP, .100",BLUE,NYLON,26AWG,CLOSED
|
Astrodyne, Inc.
|
552212-1 |
2.16 [.085] Printed Circuit Board Connectors; ASSY, RCPT, 14 POS, VERT MTG ( AMP )
|
Tyco Electronics
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
26-32-9020 09-06-3167 09-06-5168 09-06-5167 09-06- |
156 KK IDT DlCnt W/LR FTo Tin 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:20; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:8; Series:KK; Body Material:Nylon; No. of Rows:1 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Gold 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 9ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 12ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 15ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 14ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 6ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 10ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fth Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 7ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 8ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 2ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 9ckt 156 KK IDT DlCnt W/LR FTo Tin 14ckt 156 KK IDT DlCnt W/LR FTo Tin 6ckt 156 KK IDT DlCnt WO/LR FTo Tin 6ckt
|
Molex, Inc. MOLEX INC
|
09-62-4128 09-62-4088 09-62-6154 09-62-4158 09-52- |
KK 156 PCB Assy Bottom 12 Ckt Gold 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Bottom 08 Ckt Gold 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Bottom 15 Ckt Tin 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Bottom 15 Ckt Gold 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Bottom 13 Ckt Tin 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Bottom 05 Ckt Tin 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER PC Board Connector; Number of Contacts:7; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Brass; Contact Plating:Tin; Gender:Female; Series:2145/3275 PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Brass; Contact Plating:Tin; Gender:Female; Series:2145/3283 PC Board Connector; Number of Contacts:4; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Brass; Contact Plating:Tin; Gender:Female; Series:2145/3265
|
Molex, Inc. MOLEX INC
|
561-FSTP875 561-FSTP625 561-FSTP500 561-FSTP250 56 |
Female Circuit Board Posts - Self Threading
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
52610-1890 |
PC Board Connector; Number of Contacts:18; Pitch Spacing:1mm; Number of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Gender:Female
|
Molex
|
|