PART |
Description |
Maker |
IRFP460AS |
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.27ohm,身份证\u003d 20A条) Power MOSFET(Vdss=500V Rds(on)max=0.27ohm Id=20A) 500V Single N-Channel HEXFET Power MOSFET in a SMD-247 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB20NM5007 STB20NM50 STP20NM50 STB20NM50-1 STP20N |
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh Power MOSFET N-channel 500V - 0.20ヘ - 20A - TO220/FP-D2PAK-I2PAK MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP20NK50Z STW20NK50Z |
N-CHANNEL POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 500V - 0.23 OHM - 20A TO-220/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESHPower MOSFET N-CHANNEL 500V - 0.23ohm - 20A TO-220/TO-247 Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
HGTH20N40C1D HGTH20N40E1D HGTH20N50C1D HGTH20N50E1 |
CAP 0.056UF 50V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 20 A, 400 V, N-CHANNEL IGBT, TO-218AC 20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes 20A/ 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STF20NM50D STB20NM50FD STP20NM50FD |
N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh Power MOSFET (with FAST DIODE) N-CHANNEL 500V - 0.22W - 20A TO-220/TO-220FP/D2PAK FDmesh⑩ Power MOSFET (with FAST DIODE)
|
STMicroelectronics
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
IRFP460PBF |
20A,500V Heatsink N-Channel Type Power MOSFET
|
Thinki Semiconductor Co...
|
FDPF20N50 FDP20N50 |
N-Channel UniFETTM MOSFET 500V, 20A, 230m N-Channel UniFETTM MOSFET 500V, 20A, 230 m
|
Fairchild Semiconductor
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
IRF840 IRF440 IRF843 IRF841 MTM7N50 IRF440-443 IRF |
N-Channel Power MOSFETs, 8A, 450 V/500V N沟道功率MOSFETA条,450 V/500V N-Channel Power MOSFETs/ 8A/ 450 V/500V N-Channel Power MOSFETs 8A 450 V/500V 500V N-Channel MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|