PART |
Description |
Maker |
163A16419X |
25pos. SOLDER PIN ANGLED 0.370inch
|
CONEC Elektronische Bau...
|
163A16399X |
9pos. SOLDER PIN ANGLED 0.370inch
|
CONEC Elektronische Bau...
|
163A16429X |
37pos. SOLDER PIN ANGLED 0.370inch
|
CONEC Elektronische Bau...
|
15K1A253 |
D-SUB FEMALE 90° 15pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
|
CONEC Elektronische Bauelemente GmbH
|
LTV-703V-V LTV-703VD LTV-703VM LTV-703VS LTV-703VC |
CS:5-15 Angled Pos."H" CS:5-15 Angled Pos."F" NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
STMicroelectronics N.V. Fluke, Corp. LITE-ON ELECTRONICS INC
|
PE1001-7 |
Hermetic Seal Solder Contact With 0.009 Pin Diameter 0.068 Body Diameter And 0.031 Pin Lengthq
|
Pasternack Enterprises, Inc.
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
26-61-9120 26-61-9020 26-61-9100 26-61-9080 |
156 KK Hdr Str Sq Pin W/SiP Au 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Str Sq Pin W/SiP Au 2Ckt 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Str Sq Pin W/SiP Au 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK Hdr Str Sq Pin W/SiP Au 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
FCE17-E09PE-9B0G FCE17-A15PE-9B0G FCE17-B25PE-9B0G |
FCEC17 SERIES FILTERED D-SUB CONNECTOR, PIN & SOCKET,VERTICAL MOUNT PCB TAIL, VARIOUS MOUNTING OPTIONS , RoHS COMPLIANT 9 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 37 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 37 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER ROHS COMPLIANT
|
Amphenol Corporation Amphenol, Corp.
|
M22-2531705 M22-2532146 M22-2532346 M22-2531046 |
2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 17-way 17 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 21-way 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23-way 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
163A16349X |
50pos. SOLDER PIN STRAIGHT
|
CONEC Elektronische Bau...
|
|