PART |
Description |
Maker |
LTC1861 LTC1860 LTC1861CS8 LTC1861CMS LTC1861IMS L |
5V, 2-Ch 12-bit, 250ksps, Serial Interface, MSOP 5V, 12-bit, 250ksps Differential Input ADC, MSOP, Serial Interface mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
Linear Technology
|
LTC2376CDE-18PBF LTC2376CMS-18PBF LTC2376HMS-18TRP |
1-CH 18-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
|
LINEAR TECHNOLOGY CORP
|
LTC1606 |
16-Bit, 250ksps,Single Supply ADC
|
Linear Technology
|
LTC2376-20-15 |
20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
|
Linear Technology
|
B60K440 B32K440 B72240B0750K001 B72240B0751K001 B7 |
Block Varistors HighE Series 压敏电阻黑格座系 16-Bit, Pseudo Bipolar, Fully Diff Input, 250kSPS Serial Out, 2.7V to 5.5V Micro Power Sampling ADC 8-SON -40 to 85 压敏电阻黑格座系
|
EPCOS AG
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
ZADCS0822VIS14T ZADCS0882VIS20T ZADCS0842VIS16T |
8-Bit, 300ksps, ADC Family
|
List of Unclassifed Manufacturers
|
ZADCS0822 ZADCS0842 ZADCS0882 |
8-Bit, 300ksps, Serial Output ADC Family
|
Zentrum Mikroelektronik Dresden AG Zentrum Mikroelektronik Dresden GmbH
|
ST72F63BK1M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
SGS Thomson Microelectronics
|
ST7263B ST7263BK1 ST7263BK1B1 ST7263BK1M1 ST7263BK |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C, SO34-PSDIP32
|
ST Microelectronics
|
ST7MDT2-EMU2B ST7MDT5-EMU2B ST7MDT6-EMU2B ST7MDT7- |
REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES REAL-TIME DEVELOPMENT TOOLS FOR THE ST7 MCU FAMILY 3991
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|