PART |
Description |
Maker |
TS7003ITD833T |
A 300ksps, Single-supply, 12-Bit Serial-output ADC
|
Silicon Laboratories
|
2510A-032 2510A-031 2510A-030 2516A-030 2516A-032 |
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages FIBER OPTIC RECEIVER 250Msps, 8-Bit ADC with Track/Hold Low-Power, 90Msps, 6-Bit ADC 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 光纤接收 8-/4-Channel, ±12V Multirange Inputs, Serial 14-Bit ADCs 光纤接收
|
Coilcraft, Inc.
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
ST72P63BK1B1 ST72P63BK1M1 ST72P63BK4M1 ST72P63BK2M |
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & IC
|
ST Microelectronics
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
ST7263BK1B1XXX ST7263BK1M1XXX ST7263BK2B1XXX ST726 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I漏梅C
|
STMicroelectronics
|
MAX167CCWG-T MAX192ACPP MAX186DEWP-T MAX155BCPI MA |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 Low-Power, 8-Channel, Serial 10-Bit ADC 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 Low-Power, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 High-Speed, 8-Channel, 8-Bit ADC with Simultaneous Track/Holds and Reference 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Dual-Channel, 10-Bit, 130Msps ADC; Package: THIN QFN, 48 pin ; Temperature Range: -40°C to 85°C 2-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, QCC48 75ksps, 5V, 12-Bit ADC with Track/Hold and Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Industry-Standard, 12-Bit ADC with Reference 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDSO24 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX195ACDE MAX195BEPE MAX195BEWE MAX195BCPE MAX195 |
16-Bit, 85ksps ADC with 10uA Shutdown 16-Bit, 85ksps ADC with 10µA Shutdown 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 16-Bit, 85ksps ADC with 10レA Shutdown
|
Maxim Integrated Products, Inc.
|
MAX1284 MAX1284BCSA MAX1284BESA MAX1284-MAX1285 MA |
Enhanced Product 1.5 Degrees C Accurate Digital Temperature Sensor W/Spi Interface 6-SOT-23 -40 to 125 400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference 400ksps/300ksps / Single-Supply / Low-Power / Serial 12-Bit ADCs with Internal Reference
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7823 AD7823YN AD7823YR AD7823YRM |
1.2V, 12 Bit 200KSPS, Serial ADC 6-SOT-23 -40 to 85 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices, Inc. AD[Analog Devices]
|
|