PART |
Description |
Maker |
VIPER37 VIPER37HE |
VIPerPlus family: fixed frequency offline converter
|
STMicroelectronics
|
VIPER16LN VIPER16HDTR VIPER16HN VIPER16LD VIPER16L |
Fixed frequency VIPerTM plus family
|
STMicroelectronics
|
NCV4274ADT50G |
400 mA 2% and 4%Voltage Regulator Family 5 V FIXED POSITIVE REGULATOR, PSSO2
|
ON Semiconductor
|
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
EP1K30TC144-3 EP1K50QC20 EP1K10TC10 EP1K50QC208-1 |
Programmable Logic Device Family
Acex 1K Device Family (2.5V) IC,FPGA,72-CELL,CMOS,QFP,144PIN,PLASTIC
|
Altera
|
MC79L15ABD MC79L15ABP MC79L15CP MC79L00 MC79L00ACP |
From old datasheet system THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 18 V FIXED NEGATIVE REGULATOR, PDSO8 THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS 12 V FIXED NEGATIVE REGULATOR, PBCY3 COVER, PSU; Length / Height, external:42.1mm; Width, external:96.5mm; Depth, external:172.7mm; Material:Aluminium; Series:HUL RoHS Compliant: Yes 5 V FIXED NEGATIVE REGULATOR, PBCY3
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
0457501212 0460121241 0457503211 0457503212 |
MINI-FIT FAMILY OVERVIERW MINIFIT FAMILY OVERVIEW MINI-FIT FAMILY OVERVIEW
|
Molex Electronics Ltd.
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
|