PART |
Description |
Maker |
TLP250INV |
TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
|
Toshiba Semiconductor
|
HW-07LM03 HW-12LM03-HK HW-18LM03-HK |
Domestic Air Conditioner
|
haier
|
NT90 NT9007 NT90H1CODC110V NT90H1CODC18V NT90H1COD |
Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications 适用于汽车,机械,电子设备,空调和家用电器应
|
DB Lectro Inc. DB Lectro, Inc.
|
SI3021-KS SI3025-KS SI3024-KS SI3014-KS SI3034 SI3 |
SPECIALTY CONSUMER CIRCUIT, PDSO16 Air Filter; For Use With:Room Air Conditioner ; Height:25"; Peak Reflow Compatible (260 C):No; Thickness:1"; Width:16"; Pack Quantity:1 RoHS Compliant: Yes 3.3伏催化裂 JATE直接访问安排 3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT 3.3伏催化裂 JATE直接访问安排 by hand, leaves no stciky residue when removed RoHS Compliant: Yes CABLE ASSEMBLY; BNC MALE TO N MALE; 50 OHM, RG174A/U COAX
|
SILICON LABORATORIES Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
TLP251 |
INVERTER FOR AIR CONDITIONOR INDUCTION HEATING
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TLP700 TLP700A TLP700H |
TOSHIBA Photocoupler GaAAs IRED Photo IC Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
|
Toshiba Semiconductor
|
LQW18AN8N2D00D LQW18AN6N8D00D LQW18ANR39J00D LQW18 |
INDUCTOR 8.2NH 650MA 0603 1 ELEMENT, 0.0082 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 6.8NH 750MA 0603 1 ELEMENT, 0.0068 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 390NH 80MA 0603 1 ELEMENT, 0.39 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 330NH 85MA 0603 1 ELEMENT, 0.33 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.056 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR 4.7NH 850MA 0603 INDUCTOR 39NH 400MA 0603 INDUCTOR 10NH 650MA 0603 IND, 0603, 15NH, 2%, 700MA 1 ELEMENT, 0.027 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
OA2AA2720-R01 OA2A2720-R01 OA2AA2720-R010 OA2A2720 |
OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001Ω to 0.15Ω, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001惟 to 0.15惟, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001楼? to 0.15楼?, 1 WATT to 5 WATT OPEN-AIR LOW VALUE CURRENT SHUNT RESISTORS 0.001ヘ to 0.15ヘ, 1 WATT to 5 WATT
|
RCD COMPONENTS INC.
|
0908SQ-8N1GLD 0908SQ-8N1GLC 0908SQ-25NGLB 0908SQ-1 |
1 ELEMENT, 0.0081 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 0.025 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT RF inductor, air core, 5% tol, SMT, RoHS 1 ELEMENT, 0.0121 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Coilcraft, Inc. COILCRAFT INC
|
CTA400-0001-03 CTA400-0001-04 |
Air to Air TE Exchanger Standard Product
|
II-VI Marlow, Inc.
|
CTA305-0002-01 |
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
|
II-VI Marlow, Inc.
|
|