PART |
Description |
Maker |
Y16363K00000T9W |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
|
Vishay Siliconix
|
VSMP2512 VSMP0603 VSMP0805 VSMP1506 VSMP1206 VSMP2 |
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
|
Vishay Siliconix
|
H |
Wraparound High Value Thin Film
|
Vishay
|
HPC0402A |
SMD silicon capacitor up to 15 GHz;
High-performance; high-precision; High Performance/ High Precision Surface Mount 0402 Capacitor High Performance, High Precision Surface Mount 0402 Capacitor
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PTN |
Wraparound Chip Resistors Thin Film Tantalum Nitride
|
Vishay
|
KM |
QPL Wraparound Thick Film, MIL-R-55342 Characteristic K & M
|
Vishay
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
AD586 AD586A AD586AR AD586B AD586BR AD586J AD586JC |
High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 High Precision 5 V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 High Precision 5 V Reference 高精 V参
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1037AMH LT1037ACH LT1037ACJ8 LT1037ACN8 LT1037AM |
Low Noise, High Speed Precision Operational Amplifiers Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 125 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 110 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 PTB 41C 41#20 PIN/SKT RECP Low Noise/ High Speed Precision Operational Amplifiers
|
Linear Technology, Corp. Linear Technology Corporation
|