PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
CMX1211Z181B-10 CMX1211Z601B-10 CMX1211Y801B-10 CM |
Small size with high current
|
Laird Tech Smart Techno...
|
BC618 BC617 Q62702-C1138 Q62702-C1137 |
From old datasheet system NPN Silicon Darlington Transistors (High current gain High collector current) 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
LWM67C-T1U1-FK0KM0-24G6 |
Small size high-flux LED for slim designs
|
OSRAM GmbH
|
APW7252 |
High Efficiency Power Supply for Small Size Display
|
Anpec Electronics Corop...
|
225MHBS45K2H 505MHBS45K2J 505MHBS45K2H 225MHBS50K2 |
Small size - High voltage ?High Capacitance Small size - High voltage ?High Capacitance
|
Illinois Capacitor, Inc...
|
B82432-H1224-K B82432-H1333-K B82432-H1334-K B8243 |
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
|
EPCOS[EPCOS]
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
2N3722 |
NPN SMALL SIGNAL HIGH VOLTAGE HIGH CURRENT SWIRCHES
|
New Jersey Semi-Conduct...
|
BL2450K08054T |
Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size)..
|
Frontier Electronics.
|
OHI-602-870H OHI-602-870H-X-T |
Series 602 - High current, PLCC2 size
|
OSA Opto Light GmbH
|