PART |
Description |
Maker |
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
TC58FVM6T2A TC58FVM6B2A |
Flash - NOR 8Mx8 / 4Mx16 ; TSOP-I-48,TFBGA ;; Speed = 65ns/25ns Page ;; VCC = 2.7-3.6 ;; Read Icc Max (mA) = 55 ;; Standby Icc Max (uA) = 10 ;; Boot Block = Top ;;
|
TOSHIBA
|
TE28F640B3XXX GE28F160B3BC70 GE28F160B3TC80 GE28F0 |
(TE28F Series) 3 Volt Advanced Boot Block Flash Memory 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 70 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 3 Volt Advanced Boot Block Flash Memory 1M X 8 FLASH 2.7V PROM, 90 ns, PBGA46 3 Volt Advanced Boot Block Flash Memory 4M X 16 FLASH 3V PROM, 100 ns, PBGA48
|
Intel Corporation Intel, Corp.
|
28F800BV-B 28F800BV-T 28F008BE-T/B TE28F800CVB90 P |
Dual-Slot, PCMCIA Analog Power Controller 8-MBIT (512K X 16. 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Quad Network Power Controller for Power-Over-LAN 8-MBIT (512K X 16, 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 8兆位(为512k × 16024K × 8)SmartVoltage启动块闪存系 8-MBIT (512K X 16/ 1024K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
|
Intel Corporation
|
M29DW324DB70ZA6 M29DW324DB70ZA6F M29DW324DB70ZE6F |
CABLE ASSEMBLY; LEAD-FREE SOLDER; N MALE TO N FEMALE; 50 OHM, RG225/U COAX, DOUBLE SHIELDED 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双66分,启动3V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory 32兆位4Mb的x8或功能的2Mb x16插槽,双1616分,启动V电源快闪记忆 32 Mbit 4Mb x8 or 2Mb x16 / Dual Bank 16:16 / Boot Block 3V Supply Flash Memory
|
SGS Thomson Microelectronics 意法半导 STMicroelectronics N.V. ST Microelectronics
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
M29F002B M29F002 M29F002T-1 M29F002NT M29F002T 516 |
2 Mbit 256Kb x8 / Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory 2 Mbit 256Kb x8 Boot Block Single Supply Flash Memory 2 Mbit (256Kb x8, Boot Block) Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F100B M29F100T 5123 M29F100B-90M1R M29F100B-90M |
NND - 1 MBIT (128KB X 8 OR 64KB X 16, BOOT BLOCK) SINGLE SUPPLY FLASH MEMORY 1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory From old datasheet system 1 Mbit (128Kb x8 or 64Kb x16, Boot Block)Single Supply Flash Memory
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|