PART |
Description |
Maker |
LBS09507 |
95MHz IF SAW Filter 0.22MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN70A09 |
70MHz SAW Filter 13.95MHz Bandwidth
|
SIPAT Co., Ltd. SIPAT Co,Ltd
|
LBN09509 |
95MHz SAW Filter 9.2MHz Bandwidth
|
SIPAT Co,Ltd
|
KF450BS KF450BV KF414BV KF422BV |
450MHz Band Pass SAW Filter(中心频率B>450MHz的带通声表面滤波 414MHz Band Pass SAW Filter(中心频率14MHz的带通声表面滤波 422MHz Band Pass SAW Filter(涓??棰??涓?22MHz??甫??0琛ㄩ?婊ゆ尝??
|
KEC Holdings
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
SAFC942.5MYJ1C0T-TC00 SAFC902.5MC90T-TC11 SAFC902. |
1 FUNCTIONS, 942.5 MHz, SAW FILTER CERAMIC, SC33 1 FUNCTIONS, 902.5 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1575.5 MHz, SAW FILTER 1 FUNCTIONS, 895.5 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 820 MHz, SAW FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
NJG1312PC1 NJG1312PC1-C2 NJG1312PC1-C3 NJG1312PC1- |
FILTER HELICAL 515MHZ TYPE 5HT 单刀双掷开关驱动AMPLIFIRE砷化镓微波单片集成电 FILTER HELICAL 735MHZ TYPE 5HT 单刀双掷开关驱动AMPLIFIRE砷化镓微波单片集成电 FILTER HELICAL 1010MHZ TYPE 5HT FILTER HELICAL 360MHZ TYPE 5HT FILTER HELICAL 480MHZ TYPE 5HT FILTER HELICAL 655MHZ TYPE 5HT FILTER HELICAL 1305MHZ TYPE 5HW SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
NFR21GD4701012L NFR21GD4704702L |
EMI FILTER RC 47PF 100 OHM 35MA 50V 0805 1 FUNCTIONS, 50 V, 0.025 A, DATA LINE FILTER 47R-47PF RC FILTER 0805 1 FUNCTIONS, 50 V, 0.035 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
LTC1064-709 LTC1064-7CSW |
Linear Phase, 8th Order Lowpass Filter Low Noise, Fast, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16
|
Linear Technology, Corp.
|
STF203-22.TC STF203-33.TC STF203-15.TC STF203-22.T |
USB Upstream Port Filter and TVS 1 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
HSP48901 HSP48901GC-20 HSP48901GC-30 HSP48901JC-20 |
3 x 3 Image Filter 8-BIT, DSP-DIGITAL FILTER, CPGA68 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
4201-028 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|