PART |
Description |
Maker |
AD394 AD394JM AD394SM AD394KM AD394TM AD395 AD395J |
& 2kVDC Isolation; UL94V-0 Package Material; Optional Continuous Short Circuit Protected; Fully Encapsulated; Custom Solutions Available; Efficiency ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom uP Compatible Multiplying Quad 12-Bit D/A Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
BR64 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
Bytes
|
SA8028 SA8028W |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
|
NXP Semiconductors
|
BR66 BR62 BR68 BR605 BR61 BR610 BR64 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
RECTRON[Rectron Semiconductor]
|
A6833SEP-T A6833 A6833SEP |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 达比 5 32位串行输入锁存灌电流驱动 DABiC-5 32-Bit Serial Input Latched Sink Drivers 达比 5 32位串行输入锁存灌电流驱动
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
Q68000-A8000 IRL81 IRL81A |
From old datasheet system GaAlAs-Infrarot-Sendediode GaAlAs Infrared Emitter ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 发动 Infrarot - Sendediode GaAlA红外发射
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
P4C1024-17PC P4C214-17PPC P4C1024-17JC P4C1024-17J |
128K X 8 STANDARD SRAM, 17 ns, PDIP32 PLASTIC, DIP-32 16K X 16 CACHE SRAM, 17 ns, PQCC52 PLASTIC, LCC-52 128K X 8 STANDARD SRAM, 17 ns, PDSO32 SOJ-32 64K X 1 STANDARD SRAM, 10 ns, PDIP22 1K X 4 STANDARD SRAM, 10 ns, PDIP18 128K X 8 STANDARD SRAM, 15 ns, PDSO32
|
Performance Semiconductor, Corp. Pyramid Semiconductor, Corp. PERFORMANCE SEMICONDUCTOR CORP PYRAMID SEMICONDUCTOR CORP
|
TDA8024 TDA8024T/C1118 TDA8024AT TDA8024T TDA8024T |
IC card interface; Package: SOT136-1 (SO28); Container: Reel Pack, SMD, 13" SPECIALTY INTERFACE CIRCUIT, PDSO28 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% IC卡接 Three specifically protected half-duplex bidirectional buffered I/O lines to card contacts C4, C7 and C8
|
NXP Semiconductors N.V. List of Unclassifed Manufacturers
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
MMUL3100 MMUL3100A MMUL310048A MMUL3050 MMUL305027 |
5 x 3.2 Custom Oscillator
|
MMD Components http://
|
74F212SCQR 74F212L1CQR 54F212L1MQB 54F212DMQB 74F2 |
16 X 9 STANDARD SRAM, 28 ns, PDSO20 16 X 9 STANDARD SRAM, 28 ns, CQCC20 16 X 9 STANDARD SRAM, 28 ns, CDIP20 16 X 9 STANDARD SRAM, 28 ns, PQCC20
|
FAIRCHILD SEMICONDUCTOR CORP
|