PART |
Description |
Maker |
IXYH40N120B3 |
1200V XPTTM IGBT
|
IXYS Corporation
|
IGW03N120H2NBSP IGP03N120H2NBSP IGB03N120H2NBSP IG |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 高 -技 From old datasheet system HighSpeed 2-Technology IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO247 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT TO220 IGBTs & DuoPacks - 3A 1200V HighSpeed2 IGBT D2Pak 1200V HighSpeed2 and 600V HighSpeed IGBT for switching frequency from 30kHz upwards. Focus applications: Lamp ballast, power supplies ...
|
INFINEON[Infineon Technologies AG]
|
IXGH48N60B3C1 |
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
|
IXYS Corporation
|
IXGA30N60C3C1 IXGP30N60C3C1 IXGH30N60C3C1 |
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
|
IXYS Corporation
|
IHW15T120 |
IGBTs & DuoPacks - 15A / 1200V IGBT and 9A / 1200V Diode in DuoPack IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
|
Infineon
|
HGTP10N120BN HGTG10N120BN HGT1S10N120BNS HGT1S10N1 |
1200V, NPT Series N-Channel IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 35 A, 1200 V, N-CHANNEL IGBT, TO-263AB 35A/ 1200V/ NPT Series N-Channel IGBT 35A, 1200V, NPT Series N-Channel IGBT 35 A, 1200 V, NPT N-Channel IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
HGTP2N120BND HGT1S2N120BNDS HGT1S2N120BNDS9A |
12A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(12A, 1200V, NPT系列N沟道绝缘栅双极型晶体 72 MACROCELL 5 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 2 A, 1200 V, N-CHANNEL IGBT, TO-220AB 12 A, 1200 V, N-CHANNEL IGBT, TO-263AB
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
6MBP75RJ120 |
IGBT IPM R-series 1200V class 1200V / 75A 6 in one-package
|
Fuji Electric ETC List of Unclassifed Manufacturers
|
7MBP25RJ120 |
IGBT IPM R-series 1200V class 1200V / 25A 7 in one-package
|
Fuji Electric ETC[ETC] List of Unclassifed Manufacturers
|
IHW20T120 |
IGBTs & DuoPacks - 20A / 1200V IGBT and 9A / 1200V Diode in DuoPack Soft Switching Series
|
INFINEON[Infineon Technologies AG]
|
SGW25N120 |
IGBTs & DuoPacks - 25A 1200V TO247AC IGBT Fast IGBT in NPT-technology TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,49A I(C),TO-247AC
|
INFINEON[Infineon Technologies AG]
|