PART |
Description |
Maker |
RSPF1/25.65B |
RESISTOR, 0.5 W, 5 %, 350 ppm, 5.6 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
Stackpole Electronics, Inc.
|
PE4624 |
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
|
Pasternack Enterprises, Inc...
|
RK1BCT521A3485F RK1/2BLT52A3485F RK1/2BCT52A3485F |
RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 350 ppm, 34800000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 0.5 W, 1 %, 350 ppm, 34800000 ohm, THROUGH HOLE MOUNT AXIAL LEADED, ROHS COMPLIANT
|
KOA Speer Electronics,Inc.
|
T7300135 T7300145 T7300155 T7300235 T7300245 T7300 |
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts) 第一阶段控制晶闸管(350-550安培平均100-2200伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
BUP68R1 BUP66 |
7.93 A, 350 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3 5.16 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-3
|
TT electronics Semelab, Ltd. SEMELAB LTD
|
IRF840 IRF820 IRFE430-JQR-B IRF741 IRFE210-JQR-BE4 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 1.725 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 1.8 A, 200 V, 1.725 ohm, Si, POWER, MOSFET 1.2 A, 400 V, 4.15 ohm, N-CHANNEL, Si, POWER, MOSFET 3.1 A, 100 V, 0.69 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SEMELAB LTD
|
RA03M3540MD RA03M3540MD10 RA03M3540MD-101 |
RoHS Compliance , 350-400MHz 38dBm 7.2V, 2 Stage Amp. For PORTABLE RADIO 350 MHz - 400 MHz RF/MICROWAVE NARROW BAND HIGH POWER AMPLIFIER
|
Mitsubishi Electric Semiconductor
|
APT6035SVR APT10088HVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 600V 18A 0.350 Ohm
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
MJ10000 |
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS 20 A, 350 V, NPN, Si, POWER TRANSISTOR, TO-204AA
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc]
|
IRF320-323 IRF321 IRF322 IRF323 IRF320 IRF720 IRF7 |
N-Channel Power MOSFETs, 3.0 A, 350-400 V N沟道功率MOSFET.0甲,350-400 V TRI N PLUG M 0-48 N-Channel Power MOSFETs/ 3.0 A/ 350-400 V
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
|