PART |
Description |
Maker |
8T26A_8EA 8T26A 8T26A/8EA |
500 MHz, G= 1 and 2 Triple Video Buffers with Disable; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 8-Channel, 10-Bit ADC with I2C Compatible Interface in 20-Lead TSSOP; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 3-State Quad Bus Transceiver
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
AN8083S AN8083 |
Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial Quad, 14-Bit nanoDAC® with 5ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Low Voltage Operation IC for DC-DC Converter
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
IS65WV102416DBLL IS65WV102416DALL IS62WV102416DBLL |
Industrial and Automotive temperature support
|
Integrated Silicon Solu...
|
K6R4016C1D K6R4016C1D-JC K6R4016V1D-JC K6R4004C1D |
1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges 1Mx4位高速静态RAM3.3V的)。在商用和工业温度范围运 1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges 1Mx4位高速静态RAM.3V的)。在商用和工业温度范围运 861 SOLID STATE RELAYS RoHS Compliant: Yes
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
9UMS9633BKILFT 9UMS9633BFILFT ICS9UMS9633BI 9UMS96 |
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
|
Integrated Device Technology
|
AD8671ARZ-REEL AD8672ARZ AD8672AR-REEL AD8672ARZ-R |
Single Precision Very Low Noise, Low Input Bias Current, Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial OP-AMP, 125 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual Precision Very Low Noise, Low Input Bias Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ICS853310 |
Low Skew, 1-to-8, LVPECL Fanout Buffer. Industrial Temperature.
|
ICS
|
ICS87949I-147 |
Low Skew, ÷1, ÷2 Clock Generator. Industrial Temperature. From old datasheet system
|
ICS
|
ICS853058 |
8:1 Differential-to-LVPECL/ECL Multiplexer. Industrial Temperature. From old datasheet system
|
ICS
|
ICS83905I |
Low Skew, 1-to-6, Fanout Buffer. Industrial Temperature. From old datasheet system
|
ICS
|
ICS87949I |
Low Skew, ÷1, ÷2 Clock Generator. Industrial Temperature. From old datasheet system
|
ICS
|