PART |
Description |
Maker |
ECQU2A125L ECQU2A394L ECQU2A392L ECQU2A103L ECQU2A |
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
|
Panasonic Semiconductor
|
B32521C6223J |
Polyester Film Capacitors in Accordance
|
EPCOS
|
0830484 |
Labeling service: Phoenix Contact can custom-label all EM ... markers in accordance with your requirements
|
PHOENIX CONTACT
|
0536260000 |
The universal foot of the Weidmüller relay modules allow them to be assembled on TS 32, TS 35 x 7.5 and TS 35 x 15 mounting rails in accordance with European standards EN 50 035 and EN 50 022.
|
Weidmuller
|
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
AD1954YSTRL AD1954YSRL |
Hook-Up Wire; Conductor Size AWG:12; No. Strands x Strand Size:65 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 16-bit fixed point DSP with Flash
|
Analog Devices, Inc.
|
BYX132GL |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Conductor Plating:Tin RoHS Compliant: Yes High-voltage car ignition diode
|
Philips Semiconductors NXP Semiconductors
|
HN27512 HN27512G-25 HN27512G-30 HN27512P-25 HN2751 |
Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes 512K (64K X 8 BIT ) UV AND OTP EPROM 12k4K的8位)的紫外线和OTP存储
|
Hitachi Semiconductor Hitachi,Ltd.
|
SI4133G SI4133G-BM SI4133G-BT SI4122G SI4122G-BM S |
DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS 双波段射频合成器集成的GSM和GPRS无线通讯和VCO Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. SILABS[Silicon Laboratories] ETC
|
12CWQ10FN |
Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Color:Blue; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper 肖特基整流器 SCHOTTKY RECTIFIER 100V 12A Schottky Common Cathode Diode in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
|