PART |
Description |
Maker |
D3C0111N D3C0111S D3G0211N D3G0211S D3G0205S D3G03 |
1 5/16 DIAMETER 1.5 AMPS 28 VDC 1 5/16 DIAMETER 1.5 AMPS 28 VDC
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
RAD-WHA-MKT |
Mounting kit for WirelessHART adaptor (RAD-WHA-1/2NPT). Allows attachment to a pipe 38 to 89 mm diameter (1.5 to 3.5-inch diameter) or a flat surface, such as a panel.
|
PHOENIX CONTACT
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
PE1001-6 |
Hermetic Seal Solder Contact With 0.012 Pin Diameter, 0.076 Body Diameter And 0.041 Pin Length
|
Pasternack Enterprises, Inc.
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
VE0603K300R014 |
Varistors, VE, Low Voltage High Temperature, 18 V, 14 VAC, 22 V, 40 V, 1 Amps, 30 Amps, 300 mJ, 3000 uW
|
Kemet Corporation
|
SPMS506-01M SPMS506-01 SPMS506-01F SPMS506-01FM |
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
|
SSDI[Solid States Devices, Inc]
|
1N5408G 1N5407G 1N5400G 1N5401G 1N5402G 1N5404G 1N |
3.0 AMPS.GLASS PASSIVATED RECTIFIERS 3.0 AMPS.GLASS钝化整流
|
Jinan Gude Electronic Device Co., Ltd. JGD[Jinan Gude Electronic Device]
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
2SK436 |
AM RADIO RF AMPS AND LOW NOISE AMPS
|
TY Semiconductor Co., Ltd
|
LT1361 LT1361CN8 LT1361CS8 LT1362 LT1362CN LT1362C |
Dual and Quad 50MHz/ 800V/us Op Amps OCTAL BUFFERS AND LINE DRIVERS 20-SO 0 to 70 Dual and Quad 50MHz, 800V/us Op Amps From old datasheet system Dual and Quad 50MHz, 800V/s Op Amps Dual and Quad 50MHz, 800V/µs Op Amps
|
Linear Technology Corporation LINER[Linear Technology]
|
|