PART |
Description |
Maker |
GB840 |
SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 8A RECTIFIE
|
GTM CORPORATION
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
MJL3281A MJL1302 MJL1302A MJL3281 |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
|
MOTOROLA[Motorola, Inc]
|
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N |
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30 MOSFET P-CH 250V 200MA SOT-89 500 mW DO-35 Glass Zener Voltage Regulator Diodes From old datasheet system Silicon-Power-Z-Diodes (non-planar technology)
|
Microsemi, Corp. Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] ON Semi MOTOROLA[Motorola, Inc] Diotec Elektronische
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
GBLCSC05 GBLCSC03 GBLCSC05C GBLCSC03C GBLCSC05-T13 |
ULTRA LOW CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
SMF18A SMF18A-TP SMF18CA SMF18CA-TP SMF170A SMF170 |
200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE 200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
|
Micro Commercial Components Micro Commercial Compon...
|
SW02CXC300 SW15CXC300 SW02PCN020 SW34CXC1870 SW50C |
650 A, 200 V, SILICON, RECTIFIER DIODE 650 A, 1500 V, SILICON, RECTIFIER DIODE 30 A, 200 V, SILICON, RECTIFIER DIODE 4100 A, 3400 V, SILICON, RECTIFIER DIODE 1860 A, 5000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CS241020 |
Fast Recovery Single Diode Module 200 Amperes/1000 Volts 200 A, 1000 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
BY229-200-E3 |
8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC DIODE 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC, LEAD FREE, PLASTIC PACKAGE-2, Rectifier Diode
|
VISHAY SEMICONDUCTORS
|
|