PART |
Description |
Maker |
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
Q6040M9 Q7040M9 Q4040M9 Q2040M9 Q8040M9 Q5040M9 Q2 |
TRIAC|600V V(DRM)|40A I(T)RMS|TO-218 TRIAC|700V V(DRM)|40A I(T)RMS|TO-218 TRIAC|800V V(DRM)|40A I(T)RMS|TO-218 TRIAC|500V V(DRM)|40A I(T)RMS|TO-218 TRIAC|200V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|400V V(DRM)|40A I(T)RMS|TO-218VAR TRIAC|700V V(DRM)|15A I(T)RMS|TO-220 可控硅| 700V的五(DRM)的| 15A条口(T)的有效值|20 TRIAC|400V V(DRM)|15A I(T)RMS|TO-220 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|800V V(DRM)|25A I(T)RMS|TO-220
|
Motorola Mobility Holdings, Inc.
|
TLC336A TLC386D TLC116 TLC226A TLC226T TLC386A TLC |
200 V, 3 A, TRIAC SENSITIVE GATE TRIACS From old datasheet system 400 V, 3 A, TRIAC
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BCR12PM-12L BCR12PM-12LA BCR12PM-12LA-A8 |
600 V, 12 A, TRIAC, TO-220AB TO-220F, 3 PIN Triac Medium Power Use
|
Vishay Intertechnology, Inc. Renesas Electronics Corporation
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|
BT134W_SERIES_D_1 BT134W-600D/T1 BT134W-600D-T |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC TRIAC 1A SOT-223 From old datasheet system
|
NXP SEMICONDUCTORS
|
CQDD-25M CQDD-25N |
SMD TRIAC 25 AMP TRIAC 600 THRU 800 VOLTS
|
Central Semiconductor Corp
|
SC160C SC265D4 SC265D3 SC265D5 SC129D FB150D8 SC16 |
THYRISTOR MODULE|TRIAC TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/2 TRIAC|400V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|400V V(DRM)|40A I(T)RMS|TO-208VAR1/4 TRIAC|400V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|150A I(T)RMS|TO-200AB TRIAC|200V V(DRM)|25A I(T)RMS|TO-220 TRIAC|300V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-208VAR1/4 TRIAC|200V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|200V V(DRM)|25A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|40A I(T)RMS|IST-3RT-1/4 TRIAC|300V V(DRM)|25A I(T)RMS|TO-220 TRIAC|600V V(DRM)|25A I(T)RMS|TO-220 TRIAC|400V V(DRM)|100A I(T)RMS|TO-200AB TRIAC|400V V(DRM)|300A I(T)RMS|TO-200VAR50 FUSE 1A FA SMT 1206 TRIAC|200V V(DRM)|300A I(T)RMS|TO-200VAR50 可控硅| 200伏五(DRM)的| 300口(T)的有效值|00VAR50 TRIAC|800V V(DRM)|150A I(T)RMS|STF-M20 可控硅| 800V的五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|600V V(DRM)|150A I(T)RMS|TO-200AB 可控硅| 600V的五(DRM)的| 150A口(T)的有效值|00AB TRIAC|1.2KV V(DRM)|300A I(T)RMS|STF-M23 可控硅| 1.2KV五(DRM)的| 300口(T)的有效值|培训基金,一辆M23 TRIAC|600V V(DRM)|70A I(T)RMS|STF-M12 可控硅| 600V的五(DRM)的|0A口(T)的有效值|培训基金- M12 TRIAC|1.2KV V(DRM)|150A I(T)RMS|STF-M20 可控硅| 1.2KV五(DRM)的| 150A口(T)的有效值|培训基金- M20 TRIAC|200V V(DRM)|50A I(T)RMS|TO-208VARM8 可控硅| 200伏五(DRM)的| 50A条口(T)的有效值|08VARM8
|
Cornell Dubilier Electronics, Inc. EPCOS AG SIEMENS AG
|