PART |
Description |
Maker |
AS50351 AS5035-ASSU |
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER 8-bit Rotary Position Sensor
|
austriamicrosystems AG
|
AS5045 AS5045-10 |
12 Bit Programmable Magnetic Rotary Encoder
|
ams AG
|
AS5040 |
10 BIT 360∑ PROGRAMMABLE MAGNETIC ROTARY ENCODER
|
austriamicrosystems AG
|
AS5130ASST AS5130ASSU AS513009 AS5130 |
8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
|
ams AG austriamicrosystems AG
|
IC-TW11 |
10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
|
IC-Haus GmbH
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
AS5047D |
14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
|
austriamicrosystems AG ams AG
|
AS5046ASST AS5046ASSU AS50461 |
PROGRAMMABLE 12-bit 360° MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES PROGRAMMABLE 12-bit 360隆? MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
|
austriamicrosystems AG
|
PEC11 PEC11-4115F-S0012 PEC11-4120F-N0024 PEC11-41 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 12 mm Incremental Encoder
|
BOURNS INC Bourns Electronic Solutions
|
3315C-015-006L 3315R-105-016L 3315P-105-006 3315P- |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
62S11-M0-P 62S18-H0-PHT 62S18-H9-PHT 62S18-L4-P 62 |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
HEDS-8950 HEDS-8951 HEDS-8952 AEDB-9340-B-011-A AE |
SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER 1250/2500 CPR Commutation Encoder Modules with Codewheel
|
AVAGO TECHNOLOGIES LIMITED Avago Technologies Ltd.
|