PART |
Description |
Maker |
0734035112 |
50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body, Keying Option
|
Molex Electronics Ltd.
|
VCB1 |
3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
34566-1903 |
2.54mm (.100) Pitch, MX123 Female Receptacle Housing, Keying Option G, WireDress Option 9, 80 Circuits, Blue TPA
|
Molex Electronics Ltd.
|
0850031794 85003-1794 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 48 Circuits, Board Lock Option Available, Lead free
|
Molex Electronics Ltd.
|
74337-0062 |
0.80mm (.031) Pitch Ultra VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, without Screw Locks and Cover
|
Molex Electronics Ltd.
|
0345662403 34566-2403 |
2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option M, WireDress Option 9, 80 Circuits, Natural TPA 2.54mm (.100) Pitch, MX123 Female Receptacle Housing, Keying Option M, WireDress Option 9, 80 Circuits, Natural TPA
|
Molex Electronics Ltd.
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
H6062NL H6062NL2 H6062NLT |
Star MagneticsTM Gigabit Transformer Modules with PoE* Option Star Magnetics Gigabit Transformer Modules with PoE Option
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|
HFH-XX-T-SMT |
WITH PEG OPTION
|
Adam Technologies, Inc.
|
IE-703102-MC-EM1-A |
UPD70310X(V850E/MS1) in-circuit emulator option board UPD70310X(V850E/MS1), UPD70313X(V850E/MS2) in-circuit emulator option board
|
NEC
|
CPCI-3915A-ULVC10M512 CPCI-3915ACM15M512 CPCI-3915 |
Extended temperature option
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
ABC41-1058P |
PCB Mount option available
|
Bel Fuse Inc.
|
|