PART |
Description |
Maker |
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
GA0007-AL |
Flyback Transformer Transformer, for ON NCP1351, RoHS 48 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
LM-NP-1001-B1L LM-LP-1001L LM-NP-1002L BOURNSINC-L |
MAGNETICS-LINE-MATCHING TRANSFORMER TELECOM TRANSFORMER MAGNETICS-LINE-MATCHING TRANSFORMER-LF TELECOM TRANSFORMER Transformers 1KHz 66ohm 10% line matching trans TELECOM TRANSFORMER
|
Bourns, Inc. BOURNS INC
|
80T-1.9 D80T-.9 D24-12 D68-11 12-12 |
POWER TRANSFORMER, 150 VA POWER TRANSFORMER, 75 VA POWER TRANSFORMER, 300 VA POWER TRANSFORMER, 750 VA
|
|
WB1010-1-SMLB WB3010-SMLB WB1010-1-PCL WB1015-PCL |
Wideband RF transformer, SMT, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.005 MHz - 100 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.04 MHz - 175 MHz RF TRANSFORMER Wideband RF transformer, RoHS 0.1 MHz - 150 MHz RF TRANSFORMER
|
Coilcraft, Inc.
|
AS8696-B |
DSL transformer, for Alcatel MTK-20140, not RoHS TELECOM TRANSFORMER
|
Coilcraft, Inc.
|
A9786-ALD |
DSL transformer, for AD20MSP910/918, not RoHS 150 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
B0392-ALD |
Transformer, for TI UCC3580, SMT, RoHS 100 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
FA2672-ALD |
PoE transformer, for Si3400, SMT, RoHS 10 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
S5394-CL U6982-CL Q4470-CL S5499-DL T6437-DL T6650 |
Miniature SMT Transformers Transformer, miniature, 5-24V, SMT, RoHS PULSE TRANSFORMER FOR GATE DRIVE; RS-485, RS-232 DATA INTERFACE APPLICATION(S) Transformer, miniature, 3.3-5V, SMT, RoHS
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
|