PART |
Description |
Maker |
R22 R20 R30 R40 |
Bimetal Cutouts Temperature Regulators Temperature Limiters
|
List of Unclassifed Manufacturers ETC
|
DL-060-12-00-00-00 |
for overheating protection the cooler is equipped with a bimetal thermostat
|
Laird Tech Smart Techno...
|
FRT250T 7100.1125.XX 7100.1017.XX 7100.1117.XX 710 |
TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 250VDC, 35A (IR), THROUGH HOLE Subminiature Fuse, 11.5 x 5 mm, Tr?e T Subminiature Fuse, 11.5 x 5 mm, Tr庐e T Subminiature Fuse, 11.5 x 5 mm, Tr盲ge T
|
Schurter Inc.
|
DAU-15PTI-FO DAUE-15PTI-FO DDU-50P DBUE-25S |
15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP, PLUG D-Subminiature Connector; D Sub Shell Size:DB50; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 50 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP, PLUG 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, CRIMP, SOCKET
|
Cinch Connectors
|
247-1679PJB 247-1679PJC 247-1679PMB 247-1679PMC 24 |
D-Subminiature Connector, Right Angle EMI Filtered European Footprint 9 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 26 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 44 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
AZ821 AZ831-2C-9DSE AZ821-2C-12DE AZ821-2C-24DE AZ |
Nominal coil VCD: 6: subminiature DIP relay Nominal coil VCD: 12: subminiature DIP relay SUBMINIATURE DIP RELAY 微型双酯继电 (AZ831 / AZ821) SUBMINIATURE DIP RELAY From old datasheet system Nominal coil VCD: 48: subminiature DIP relay Nominal coil VCD: 24: subminiature DIP relay Nominal coil VCD: 9: subminiature DIP relay
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ZETTLER electronics
|
DB-25P-F179TI DBUE-25SAD DBUE-25PFOTI |
25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, WIRE WRAP, PLUG 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER, SOCKET 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, CRIMP AND POKE, PLUG
|
CINCH CONNECTORS
|
STB80NF04 |
N-CHANNEL 40V - 0.008 OHM - 80A D2PAK/TO-220 STRIPFET II POWER MOSFET N沟道40V 0.008欧姆- 80A条D2PAK/TO-220 STRIPFET二功率MOSFET
|
STMicroelectronics N.V.
|
QTLP912-2 QTLP912-3 QTLP912-4 QTLP912-9 QTLP913 QT |
SUBMINIATURE T-3/4 (1.9 mm) SOLID STATE LAMPS Green Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp SUBMINIATURE T-3/4 (1.9mm) SOLID STATE LAMPS Green Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Subminiature T-3/4 (1.9 mm) Solid State Lamp HER Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp AlGaAs Red Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp Yellow Diffused Subminiature T-3/4 (1.9 mm) Solid State Lamp
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STB6NC80 STB6NC80Z STB6NC80Z-1 STP6NC80ZFP STP6NC8 |
N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.5ohm - 5.4A TO-220/FP/D?PAK/I?PAK Zener-Protected PowerMESH⑩III MOSFET N沟道800V 1.5ohm - 5.4A TO-220/FP/D?巴基斯我?巴基斯坦齐保护的PowerMESH⑩三MOSFET 5.4 A, 800 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
意法半导 STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
BCR8UM BCR8UM-12 |
600 V, 8 A, TRIAC, TO-220 TO-220, 3 PIN MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE 中功率使用绝缘型,玻璃钝化型
|
Central Semiconductor, Corp. Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor]
|
KSC5039H2TU KSC5039H1 |
5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN NPN Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Bulk 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
|