PART |
Description |
Maker |
10N70Z 10N70ZG-TF1-T 10N70ZL-TF1-T |
10A, 700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
STH10NC60FI STW10NC60 STH10NC60 |
N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?┥I MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?II MOSFET N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshII MOSFET N-CHANNEL Power MOSFET N-CHANNEL Power MOS MOSFET N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh⑩II MOSFET N沟道600V 0.6ohm - 10A TO-247/ISOWATT218 PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 0.6 OHM - 10A - TO-247/ISOWATT218 POWERMESH MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STP10NK70Z STP10NK70ZFP |
N-CHANNEL 700 V - 0.75 OHM - 8.6 A TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESHPower MOSFET N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TSM70N900 TSM70N900CIC0G |
700V, 4.5A, 0.9 N-Channel Power MOSFET
|
Taiwan Semiconductor Co...
|
4N70KL-TF3-T 4N70KG-TF3-T |
4.4A, 700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
4N70K |
700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
STD2NK70Z STD2NK70Z-1 STD2NK70Z06 |
N-channel 700V - 6Ω - 1.6 A - DPAK/IPAK Zener protected SuperMESH Power MOSFET 1.6 A, 700 V, 7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
STMicroelectronics
|
HIP2060 HIP2060AS1 HIP2060AS2 HIP2060AS3 |
60V/ 10A Half Bridge Power MOSFET Array 60V, 10A Half Bridge Power MOSFET Array 20000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 10 A, 60 V, 0.15 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Intersil Corporation Intersil, Corp.
|
STP12NM60N STF12NM60N STB12NM60N-1 STW12NM60N STB1 |
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh Power MOSFET N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.35楼? - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.35ヘ - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STD10NF06L |
N-CHANNEL 60V 0.1 OHM 10A DPAK STRIPFET II POWER MOSFET N-CHANNEL POWER MOSFET N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET POWER MOSFET N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.1ohm - 10A DPAK STripFET?/a> POWER MOSFET
|
ST Microelectronics STMicroelectronics
|