PART |
Description |
Maker |
MIC94030 MIC94030BM4 MIC94031BM4 4030B MIC94031 |
TinyFET P-Channel MOSFET(TinyFET???P娌??澧?己??OS?烘?搴??) TinyFETP-Channel MOSFET Preliminary Information TinyFETP沟道MOSFET的初步信 10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN TinyFET P-Channel MOSFET(TinyFET技P沟道增强型MOS场效应管) TinyFET P-Channel MOSFET Preliminary Information TinyFET⑩ P-Channel MOSFET Preliminary Information TinyFET?/a> P-Channel MOSFET Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
FDB2572 FDP2572 FDB2572NL |
N-Channel PowerTrench MOSFET 150V, 29A, 54mз 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 150V N-Channel UltraFET Trench MOSFET 29A, 0.056 Ohms @ VGS = 10V, TO-263/D2PAK Package 4 A, 150 V, 0.054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel PowerTrench MOSFET 150V/ 29A/ 54m N-Channel PowerTrench MOSFET 150V, 29A, 54m蟹 N-Channel PowerTrench MOSFET 150V, 29A, 54m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
SUB75P03-08 SUP75P03-08 |
P-Channel 30-V (D-S), 175C MOSFET P沟道30 V的(副)75C MOSFET P-Channel 30-V (D-S) 175C MOSFET P-Channel MOSFET P-Channel Enhancement-Mode Transistors
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FDS4141 |
P-Channel PowerTrench? MOSFET -40V, -10.8A, 13.0mΩ P-Channel PowerTrench㈢ MOSFET -40V, -10.8A, 13.0mヘ -40V P-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 10.8 A, 40 V, 0.013 ohm, P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
ZXMP10A18GTA ZXMP10A18GTC ZXMP10A18G |
P-channel MOSFET 100V P-CHANNEL ENHANCEMENT MODE MOSFET 2.6 A, 100 V, 0.15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
ZETEX[Zetex Semiconductors] Diodes Incorporated Zetex Semiconductor PLC
|
SUB75N08-10 SUP75N08-10 |
N-Channel Enhancement-Mode Trans N-Channel 75-V (D-S), 175C MOSFET N-Channel 75-V (D-S), 175 Degrees Celcious MOSFET N-Channel 75 N通道75
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
AP4501GSD |
30V N-Channel PowerTrench MOSFET 7 A, 30 V, 0.027 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STB6NB90 6439 |
N - CHANNEL 900V - 1.7 Ohm - 5.8A - D 2 PAK PowerMESH MOSFET From old datasheet system N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
|