PART |
Description |
Maker |
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
STR-A6000M |
PWM Off-Line Switching Regulator ICs
|
Allegro MicroSystems
|
STR3A151D STR3A153D STR3A154D STR3A155D STR3A152D |
PWM Off-Line Switching Regulator ICs
|
Allegro MicroSystems Sanken electric
|
SIC413CB-T1-E3 SI9175DH-T1 MAX8643 |
Switching Converters, Regulators & Controllers 4.0A 4.75-26V Built-In PWM Cont Learn More DC/DC Switching Controllers 600mA CMOS PWM/PSM Buck Converter 3A, 2MHz Step-Down Regulator with Integrated Switches 3AMHz、降压型调节器,内置开
|
KOA Speer Electronics,Inc. NXP Semiconductors N.V. Maxim Integrated Products, Inc.
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LNK364DN-TL LNK363DN-TL LNK364GN-TL LNK363GN-TL LN |
IC SWITCH OFF-LINE 4/9W 8-SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 IC SWITCH OFF-LINE 3.7/7.5W 8SMD 0.4 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PDSO7 LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
|
Power Integrations, Inc. Power Integrations, Inc...
|
S-8365 |
(S-8365 / S-8366) 1.2 MHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
|
Seiko
|
R1280D002A-TR R1280D002B R1280D002B-TR R1280D002C |
2CH PWM DC/DC Controller 0.05 A DUAL SWITCHING CONTROLLER, 805 kHz SWITCHING FREQ-MAX, PDSO10 2CH PWM DC/DC Controller 2声道的PWM DC / DC控制
|
Ricoh Co., Ltd. RICOH electronics devic...
|
STRS6513 STR-S6513 STRBS6513 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR ? WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR WITH POWER MOSFET OUTPUT OFF-LINE SWITCHING REGULATOR - WITH POWER MOSFET OUTPUT
|
Sanken Electric Co.,Ltd. Allegro MicroSystems, Inc.
|
ISL6532A ISL6532ACR ISL6532ACR-T ISL6532ACRZ ISL65 |
PWM Control Circuit 16-SOIC 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 ACPI Regulator/Controller for Dual Channel DDR Memory Systems 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28 PWM Control Circuit 16-SSOP 0 to 70 3 A SWITCHING CONTROLLER, 280 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp. Intersil Corporation
|