PART |
Description |
Maker |
ISL21009BMB841EP ISL21009CMB850EP ISL21009BMB850EP |
High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R THREE TERM VOLTAGE REFERENCE, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References
|
Intersil, Corp. Intersil Corporation
|
FBR6030 FBR6035 FBR6040 FBR6045 FBR6050 FBR6060 |
60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
|
First Components International
|
MBR20200CT MBR20200CT08 |
20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
|
Micro Commercial Components
|
JANS6761UR-1 1N5819UR 5819UR-1 6761UR-1 CDLL1A100 |
1A schottky barrier rectifier, 45V 1 AMP SCHOTTKY BARRIER RECTIFIERS 1 A, SILICON, SIGNAL DIODE, DO-213AB Quad Wide-Bandwidth High-Output-Drive Op Amp 20-HTSSOP 0 to 70 Schottky Rectifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FBR6040 |
60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions 60安培高压肖特基机械尺
|
Electronics Industry Public Company Limited
|
2SC3675 |
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications High-Voltage Amp, High-Voltage Switching Applications High-Voltage Amp High-Voltage Switching Applications High-Voltage Amp/ High-Voltage Switching Applications
|
SANYO[Sanyo Semicon Device]
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
35SGQ045 |
35V 45A Hi-Rel Schottky Discrete Diode in a TO-254AA package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 35 Amp, 45V
|
International Rectifier
|