PART |
Description |
Maker |
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
BLM18EG101TN1 BLM18EG101TN1D BLM18EG121SN1 BLM18EG |
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
ILAS-1206 |
Chip Array Ferrite Bead
|
Vishay Siliconix
|
BF-NB100505-060 BF-NB201209-060 BF-NB201209-110 BF |
Multilayer Ferrite Chip Bead
|
Caliber Electronics Inc. ETC List of Unclassifed Manufacturers
|
GBD160808PGA601N GBD201209PGH101N GBD160808PGB301N |
Multilayer Ferrite Chip Bead
|
GOTREND
|
FCM2012 FCM1608 FCM3225 FCM1005 |
(FCMxxxx) Ferrite Chip Bead FCM
|
ETC
|
SCPB2012S400RPF SCPB1005S100NPF SCPB1005S121MPF SC |
Chip Ferrite Bead for High Current
|
Socay Electornics Co., Ltd. Socay Electornics Co., ...
|
ILAS-1206 |
Chip Array Ferrite Bead
|
Vishay
|
BDS3/3/4.6-4S2 BDS3/3/8.9-4S2 |
Suppression Bead 1 FUNCTIONS, FERRITE CHIP
|
Yageo, Corp.
|
SCGB1005H750FPF SCGB1608H800HPF SCGB2012H601EPF SC |
Chip Ferrite Bead Chip Ferrite Bead
|
Socay Electornics Co., Ltd. Socay Electornics Co., ...
|
4211-12 4211-13 4211-18 4211-2 4211-21 4211-23 421 |
Axial Leaded Filter Bead 1 FUNCTIONS, FERRITE BEAD
|
API Delevan
|
|