PART |
Description |
Maker |
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFIZ48V IRFIZ48 IRFIZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
|
IRF[International Rectifier]
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|
IRFP048 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
|
International Rectifier Power MOSFET
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFD9024 |
-60V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A) HEXFET? Power MOSFET Power MOSFET(Vdss=-60V/ Rds(on)=0.28ohm/ Id=-1.6A)
|
IRF[International Rectifier]
|
STS7NF60L |
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET II POWER MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFETII POWER MOSFET N沟道60V 0.017欧姆- 7.5A的SO - 8封装STripFET⑩二功率MOSFET N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.017 OHM - 7.5A SO-8 STRIPFET II POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics
|
HS8K1 |
30V Nch plus Nch Middle Power MOSFET
|
Rohm
|
SH8KA7GZETB |
30V Nch Nch Middle Power MOSFET
|
ROHM
|
FS5UM-10 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 5 A, 500 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FS5UM-9 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 5 A, 450 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|